Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor LC79451KB Datasheet HTML 10Page - ON Semiconductor LC79451KB Datasheet HTML 11Page - ON Semiconductor LC79451KB Datasheet HTML 12Page - ON Semiconductor LC79451KB Datasheet HTML 13Page - ON Semiconductor LC79451KB Datasheet HTML 14Page - ON Semiconductor LC79451KB Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LC79451KB
No.A2223-11/38
5-6. SPI (3-wire serial interface) Timing Characteristics
(Case without the special mention VDD = +2.5V, VSS = 0V, Ta = +25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD = 1.6V to 2.0V
-
-
6
MHz
SCL frequency
fSCL(2)
VDD = 2.0V to 3.6V
-
-
10
MHz
CS - SCL setup time
tSU(8)
300
-
-
ns
SCL - CS hold time
tHD(5)
300
-
-
ns
SDA - SCL setup time
tSU(9)
50
-
-
ns
SCL - SDA hold time
tHD(6)
50
-
-
ns
SCL low pulse width
tPW(4)
50
-
-
ns
SCL high pulse width
tPW(5)
50
-
-
ns
CS interval time
tINT(1)
1000
-
-
ns
1) SPI interface bus timing
Fig.7. SPI bus timing
2) Timing of BUSY and START Flag after setting START command in SPI interface
Output of BUSY means START Flag. During in BUSY=1, “WAVEFORM PARAMETER” and “CONTROL
REGISTER” are write inhibit state. An internal state is charge-pump rising period before the waveform output or
during the waveform output. After outputs waveform from segment, BUSY and START FLAG are automatically
canceled. (Cf. 6-3)
*1 Automatic charge-pump mode : charge-pump rising period (set to control register 1) + waveform
output period (set to waveform parameter)
Manual charge-pump mode :
waveform output period (set to waveform parameter)
*2 BUSY and START FLAG are automatically canceled.
Fig.8. SPI BUSY output, and START Flag timing
CS
SCL
tINT(1)
tHD(6)
SDA
tSU(8)
tHD(5)
tPW(4)
tPW(5)
tSU(9)
(A7)
(A6)
(D0)
(D1)
(10%)
(50%)
(50%)
(90%)
SCL
BUSY
*2
START Flag
*1
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com