Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 13 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 9Page - ON Semiconductor LC79451KB Datasheet HTML 10Page - ON Semiconductor LC79451KB Datasheet HTML 11Page - ON Semiconductor LC79451KB Datasheet HTML 12Page - ON Semiconductor LC79451KB Datasheet HTML 13Page - ON Semiconductor LC79451KB Datasheet HTML 14Page - ON Semiconductor LC79451KB Datasheet HTML 15Page - ON Semiconductor LC79451KB Datasheet HTML 16Page - ON Semiconductor LC79451KB Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LC79451KB
No.A2223-13/38
6-1-1. I
2C Write Format
After entry of the register address in I2C interface write mode, 8 bits serial data of each address are written in registers
in sequence. The address without the register allocation is skipped.
6-1-2. I
2C Read Format
After entry of the register address in I2C interface write mode, input I2C interface read mode. And 8 bits serial data of
each address are read from registers in sequence. The address without the register allocation is skipped.
When the register data of each address are less than 8 bits, the data of the remaining bit are read in “0.”
In read image data, last bit is old (past) image data, and one high rank bit is new (current) image data.
6-1-3. I
2C Data Transmission
During the period when SCL line is "H", the change of SDA line from “H” to “L” is recognized to be START
condition, and the change of SDA line from “L” to “H” is recognized to be STOP condition. The master device on the
system can communicate with a particular slave device by sending the device ID of 7 bits long and instruction codes
of 1 bit long as read “1”/write “0” on SDA line following START condition.
When the device ID of the master device accords with the device ID of the slave device, the slave device replies to
SDA line with the acknowledge (ACK), and Read or Write operates according to Read/Write command code. The
device is set to standby mode when device ID does not accord.
SDA line is changeable while SCL line is “L”.
SDA line transfers the consecutive 8 bits from the master device. And SDA line is opened in the ninth clock cycle
period. The slave device which receives data on the system bus sends low to SDA line. Sending low is the
acknowledge signal indicating that data has been received.
The command data is comprised of address 8 bits and data 8 bits. The command data is stored by the rising of SCL
line in the acknowledge period after having received the data 8 bits.
6-1-4. I
2C ID Setting
The device ID of 7 bits long is assigned to a slave device in I2C. The device ID is comprised of the device cord of 4
bits and the slave address of 3 bits. Upper 2 bits of the slave address is settable with ID1 pin, and ID2 pin. Please
connect ID1 pin and ID2 pin to VDD or VSS.
Write ”0”
⇒ connect to VSS
Read ”1”
⇒ connect to VDD
0
1
ID1
ID2
R/W
0
1
1
MSB
LSB
Device ID
Device Cord
Slave Address
W shows R/W = 0
START
condition
ACK
Register address (N)
•••
Register data (N)
Register data (N+1)
ACK
ACK
ID + W
R shows R/W = 1
ACK
Register address (N)
ACK
ID + W
ACK
Register data (N)
•••
Register data (N+1)
Register data (N+2)
ACK
ACK
ID + R
START
condition
START
condition
A7
A4
A1
A6 A5
A3 A2
A0
D7
D4
D1
D6 D5
D3 D2
D0
SCL
SDA
(Internal latch signal)
ACK
ACK
D7
ACK
ID6
ID3
ID0
ID5 ID4
ID2 ID1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com