Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 4 Page - ON Semiconductor

  LC79451KB Datasheet HTML 1Page - ON Semiconductor LC79451KB Datasheet HTML 2Page - ON Semiconductor LC79451KB Datasheet HTML 3Page - ON Semiconductor LC79451KB Datasheet HTML 4Page - ON Semiconductor LC79451KB Datasheet HTML 5Page - ON Semiconductor LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LC79451KB
No.A2223-4/38
Output Driver Pin
Symbol
Connection
I/O
Range
Function
SEG0 to 127
E-paper
O
+15V, 0V, -15V
Output for panel drive
Charge-Pump Pin
Symbol
Connection
I/O
Range
Function
VOUT0
Capacitor
O
+2.5V
Charge-pump voltage or charge-pump reference voltage.
Power supply voltage for oscillator.
Please connect capacitor between VOUT0 and VSS.
VOUT1
Capacitor
O
+5.0V
Charge-pump voltage.
VOUT1 = VOUT0 × 2
Please connect capacitor between VOUT1 and VSS.
VOUT2
Capacitor
O
+15.0V
Charge-pump voltage.
VOUT2 = VOUT1 × 3
Please connect capacitor between VOUT2 and VSS.
VOUT3
Capacitor
O
-15.0V
Charge-pump voltage.
VOUT3 = VOUT2 × -1
Please connect capacitor between VOUT3 and VSS.
C01A, C01B
C11A, C11B
C21A, C21B
C22A, C22B
C31A, C31B
Capacitor
-
Capacitor connection pin for Charge-pump.
Please connect capacitor between corresponding CxyA and CxyB.
CxyA is positive connection pin for the flying capacitor.
CxyB is negative connection pin for the flying capacitor.
(With setting of 2.5V for the reference voltage, the capacitance
between terminals is not necessary between C01A and C01B.)
Test Pin
Symbol
Connection
I/O
Function
TEST
Open / VSS
I
Test mode setting signal.
Please connect to VSS or Open during the normal operation.
TESTAOUT
Open
O
Output for the test. Please Open.
TESTLOUT
Open
O
Output for the test. Please Open.
ZVDD
Open
-
Power supply for the test. Please Open.
ZVSS
Open
-
Power supply for the test. Please Open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com