Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 37 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 37 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 30Page - ON Semiconductor LC79451KB Datasheet HTML 31Page - ON Semiconductor LC79451KB Datasheet HTML 32Page - ON Semiconductor LC79451KB Datasheet HTML 33Page - ON Semiconductor LC79451KB Datasheet HTML 34Page - ON Semiconductor LC79451KB Datasheet HTML 35Page - ON Semiconductor LC79451KB Datasheet HTML 36Page - ON Semiconductor LC79451KB Datasheet HTML 37Page - ON Semiconductor LC79451KB Datasheet HTML 38Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
LC79451KB
No.A2223-37/38
10-3. Power Supply OFF Sequence
When you turn off VDD power supply, the discharge of a stored electric charge is recommended. This is because
image may change when an electric charge is left in the external capacitor of VOUT2 and VOUT3.
You can discharge a stored electric charge in the following procedures when you cannot meet a condition of
Cf.6-6.
(1) Operate charge-pump if VOUT0 < 2.0V or VOUT1 < 4.0V.
(2) Stop charge-pump.
(3) Operate discharge. (control register 2: DISCON = 1)
(4) Turn off VDD power supply.
You can maintain a discharge state when you turn off VDD power supply during discharge operation as
RESET = VDD.
10-4. Parasitic Circuit between Charge-pump Pins and Power Supply Pins
Between charge-pump pins and power supply pins, parasitic diode is connected equivalently to constitute a circuit.
Fig.19. Parasitic circuit diagram between pin
VOUT2 (+15V)
VOUT1 (+5V)
VOUT0 (+2.5V)
VSS (0V)
VOUT3 (-15V)
VDD2 (+1.8V to +3.6V)
VDD (+1.6V to +3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com