Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 26 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 26 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 22Page - ON Semiconductor LC79451KB Datasheet HTML 23Page - ON Semiconductor LC79451KB Datasheet HTML 24Page - ON Semiconductor LC79451KB Datasheet HTML 25Page - ON Semiconductor LC79451KB Datasheet HTML 26Page - ON Semiconductor LC79451KB Datasheet HTML 27Page - ON Semiconductor LC79451KB Datasheet HTML 28Page - ON Semiconductor LC79451KB Datasheet HTML 29Page - ON Semiconductor LC79451KB Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LC79451KB
No.A2223-26/38
(2) Control Register 2 (Operating Control)
Address : F1
D7
D6
D5
D4
D3
D2
D1
D0
*
*
*
OFFBLK
DISCON
VREGSEL
HVON
MODSEL
*
*
*
(0)
(0)
(0)
(0)
(0)
*: Non use ( ) default
1) MODSEL
⋅⋅⋅ Control mode selection of charge-pump and oscillator
0 : Automatic charge-pump mode.
This device sets START Flag or HVON Flag, and automatically controls stopping from operating.
1 : Manual charge-pump mode.
This device sets HVON Flag, and manually controls stopping from operating.
2) HVON
⋅⋅⋅ Operation of charge-pump and oscillator
In automatic charge-pump mode, HVON Flag is automatically canceled after charge-pump rising period,
and charge-pump and oscillator stop.
In manual charge-pump mode, charge-pump and oscillator is active until canceled of HVON Flag.
0 : Stop
1 : Operate
3) VREGSEL
⋅⋅⋅ Selection of charge-pump reference voltage
0 : 1.25V Condition of use VDD2 ≥ 1.8V
1 : 2.50V Condition of use VDD2 ≥ 2.7V
4) DISCON
⋅⋅⋅ Operation setting of discharge circuit
0 : Stop
1 : Operate
5) OFFBLK
⋅⋅⋅ Selection of image when operated automatic discharge function.
0 : Panel maintains current image.
1 : Panel displays black.
Note: Turn off power supply as setting of RESET = 1 when want to be black.
(3) Control Register 3 (Image Control)
Address : F2
D7
D6
D5
D4
D3
D2
D1
D0
*
*
*
*
*
DB
LE
RFSH
*
*
*
*
*
(0)
(0)
(0)
*: Non use ( ) default
1) RFSH
⋅⋅⋅ Waveform mode selection
0 : Normal drive
1 : Refresh drive
2) LE
⋅⋅⋅ Data latch
This signal is used when want to latch (shift) only image data without changing image.
0 : Data do not shift.
1 : Data shift.
Latch 1 (New image data)
⇒ Latch 2 (Old image data)
Image data input buffer
⇒ Latch 1 (New image data)
LE Flag is automatically canceled with finish of latch.
3) DB
⋅⋅⋅ Image data inversion
0 : Non-inversion
1 : Inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com