Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor LC79451KB Datasheet HTML 10Page - ON Semiconductor LC79451KB Datasheet HTML 11Page - ON Semiconductor LC79451KB Datasheet HTML 12Page - ON Semiconductor LC79451KB Datasheet HTML 13Page - ON Semiconductor LC79451KB Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LC79451KB
No.A2223-10/38
5-5. I
2C (2-wire serial interface) Timing Characteristics
(Case without the special mention VDD = +2.5V, VSS = 0V, Ta = +25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
SCL frequency
fSCL(1)
-
-
400
kHz
Start condition setup time
tSU(5)
600
-
-
ns
Start condition hold time
tHD(3)
600
-
-
ns
SDA rise time
trDA(1)
-
-
300
ns
SDA fall time
tfDA(1)
-
-
300
ns
SCL rise time
trCL(1)
-
-
300
ns
SCL fall time
tfCL(1)
-
-
300
ns
SCL low pulse width
tPW(3)
1300
-
-
ns
SCL high pulse width
tPW(2)
600
-
-
ns
Data setup time
tSU(6)
100
-
-
ns
Data hold time
tHD(4)
0
-
900
ns
Stop condition setup time
tSU(7)
600
-
-
ns
STOP - START bus open time
tBUF
1300
-
-
ns
1) I2C interface bus timing
Fig.5. I
2C bus timing
2) Timing of BUSY and START Flag after setting START command in I2C interface
Output of BUSY means START Flag. During in BUSY = 1, “WAVEFORM PARAMETER” and “CONTROL
REGISTER” are write inhibit state. An internal state is charge-pump rising period before the waveform output or
during the waveform output. After outputs waveform from segment, BUSY and START Flag are automatically
canceled. (Cf. 6-3)
*1 Automatic charge-pump mode : charge-pump rising period (set to control register 1) + waveform
output period (set to waveform parameter)
Manual charge-pump mode :
waveform output period (set to waveform parameter)
*2 BUSY and START Flag are automatically canceled.
Fig.6. I
2C BUSY output, and START Flag timing
(90%)
tSU(7)
tPW(3)
tfDA(1)
tSU(5)
tHD(4)
tHD(3)
SCL
trDA(1)
SDA
trCL(1)
tfCL(1)
tPW(2)
START condition
Acknowledge (ACK)
STOP condition
tBUF
tSU(6)
(90%)
(10%)
(10%)
SCL
BUSY
START Flag
*1
(ACK)
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com