Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 1 Page - ON Semiconductor

  LC79451KB Datasheet HTML 1Page - ON Semiconductor LC79451KB Datasheet HTML 2Page - ON Semiconductor LC79451KB Datasheet HTML 3Page - ON Semiconductor LC79451KB Datasheet HTML 4Page - ON Semiconductor LC79451KB Datasheet HTML 5Page - ON Semiconductor LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
O0213HKPC 20130903-S00002 No.A2223-1/38
Semiconductor Components Industries, LLC, 2013
October, 2013
http://onsemi.com
LC79451KB
1. Overview
LC79451KB is controller and driver IC for the electronic paper display (EPD). It can realize low supply voltage and low
power consumption. It supports SPI and I2C interface. It is equipped with waveform generator, oscillator, charge-pump
and 128 segment drivers.
2. Features
• Logic power supply voltage (VDD)
: +1.6V to +3.6V
• Analog power supply voltage (VDD2)
: +1.8V to +3.6V
• Interface
: SPI or I2C
• Operating frequency
: 400kHz max (I2C) /10MHz max (SPI)
• Standby current
: 1
μA [max]
• Operating current
: 30
μA [typ] (no load, charge-pump frequency 1kHz)
• Number of segment drive output
: 128
• Level of segment drive output
: 3 level (-15V/0V/+15V)
• Waveform output
: Internal waveform generator
• Internal charge-pump
: +15V/-15V
• Frequency of CR oscillator
: 32kHz +/-3%
• Automatic low power function
: Automatic start and stop of internal circuit with the waveform output
: Automatic shift to the lower charge-pump frequency with finish of the
waveform output
• Gold bump chip
: X = 6.55mm, Y = 1.43mm
Ordering number : ENA2223
CMOS IC
Controller and Driver
for Electronic Paper
ORDERING INFORMATION
See detailed ordering and shipping information on page 38 of this data sheet.
* I
2C Bus is a trademark of Philips Corporation.


Similar Part No. - LC79451KB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79400 SANYO-LC79400 Datasheet
180Kb / 8P
Dot Matrix LCD Driver
LC79400D SANYO-LC79400D Datasheet
180Kb / 8P
Dot Matrix LCD Driver
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
More results

Similar Description - LC79451KB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8228 NSC-DP8228 Datasheet
137Kb / 6P
System Controller and Bus Driver
logo
Rohm
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
4-channel driver and power controller
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
Laser driver and controller circuit
2002 May 06
logo
List of Unclassifed Man...
NT3881D ETC-NT3881D Datasheet
207Kb / 29P
Dot Matrix LCD Controller and Driver
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
Spindle/VCM Controller and Pre-driver
logo
LDT Co., Ltd
LD3811 LDT-LD3811 Datasheet
1Mb / 28P
Dot Matrix LCD Controller and Driver
logo
ON Semiconductor
LV8747TA ONSEMI-LV8747TA Datasheet
302Kb / 20P
Driver and Switching Regulator Controller
June, 2013
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
Dual Stepper Motor Controller and Driver
DP8228 TI1-DP8228_11 Datasheet
372Kb / 8P
System Controller and Bus Driver
logo
Shanghai awinic technol...
AW9106B AWINIC-AW9106B Datasheet
1Mb / 29P
6-LED Driver and GPIO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com