Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 7 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 3Page - ON Semiconductor LC79451KB Datasheet HTML 4Page - ON Semiconductor LC79451KB Datasheet HTML 5Page - ON Semiconductor LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor LC79451KB Datasheet HTML 10Page - ON Semiconductor LC79451KB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LC79451KB
No.A2223-7/38
5-3. Electrical Characteristics
DC Characteristics
(Case without the special mention VDD = +2.5V, VDD2 = +2.7V, VSS = 0V, Ta=+25°C)
Parameter
Symbol
Condition
min
typ
max
Unit
Note
Input leak current
IIL
VIN = 0V to VDD
-1
-
1
μA
*1
Standby current VDD
IDDS
All Circuit Stops
0
-
1
μA
*2
Standby current VDD2
IDD2S
(RESET = L)
0
-
1
μA
*2
Operating current VDD
IDD
SPI (10MHz)
-
400
480
μA
Operating current VDD2
IDD2
-
30
36
μA
*3
VOH
IOUT = -0.5mA
VDD - 0.36
VDD - 0.2
VDD
V
*4
VOL1
IOUT = +0.5mA
0
0.1
0.18
V
*4
Output voltage
VOL2
IOUT = +3mA
0
-
0.4
V
*5
<Output Driver Characteristics>
SEG output resistance VOUT2
RON1
VOUT = VOUT2 -0.5V
8
10
12
k
Ω
SEG output resistance VSS
RON2
VOUT = +0.5V
7.5
10
12.5
k
Ω
SEG output resistance VOUT3
RON3
VOUT = VOUT3 +0.5V
8
10
12
k
Ω
<Charge-pump Characteristics>
VOUT2NL1
V
*6, *7
Output voltage VOUT2
VOUT2NL2
No Load
14.25
15.00
15.75
V
*6, *8
VOUT3NL1
V
*6, *7
Output voltage VOUT3
VOUT3NL2
No Load
-15.75
-15.00
-14.25
V
*6, *8
VOUT2L1
0.90 × VOUT2
-
VOUT2
V
*6, *7
Load output voltage VOUT2
VOUT2L2
Load Current
= -100
μA
0.95 × VOUT2
-
VOUT2
V
*6, *8
VOUT3L1
VOUT3
-
0.90 × VOUT3
V
*6, *7
Load output voltage VOUT3
VOUT3L2
Load Current
= +100
μA
VOUT3
-
0.95 × VOUT3
V
*6, *8
Load voltage ratio regulation
VRATIO
0.97
1
1.03
-
*6, *9
<Oscillator Characteristics>
Oscillator frequency
Fclk
VDD = 1.6V to 3.6V
VDD2 = 1.8V to 3.6V
31.04
32.00
32.96
kHz
*10
<Discharge Characteristics>
Discharge resistance VOUT2
RDON1
VOUT2 = +15V
8
10
12
k
Ω
*11a
Discharge resistance VOUT3
RDON2
VOUT3 = -15V
8
10
12
k
Ω
*11b
Note: *1. For RESET, SCL, SDA, CS, ID1, ID2, IFSEL, SPIDRW pin.
*2. The maximum current is prescribed with the limit value of the measuring instrument.
*3. The state of the circuit as follows.
Oscillator operates, charge-pump operates, output driver stops (No load), charge-pump voltage is in a stable
state.
Charge-pump frequency 1kHz
(control register 1 : CP_F10 = 0, CP_F11 = 0, CP_F12 = 0)
Charge-pump reference voltage 2.5V
(control register 2 : VREGSEL=1)
*4. For BUSY, DAOUT pin.
*5. For SDA pin.
*6. Use external capacitors of the recommended capacitance value.
*7. Charge-pump frequency 32kHz
(control register 1 : CP_F10 = 1, CP_F11 = 1, CP_F12 = 1)
Charge-pump reference voltage 1.25V (control register 2 : VREGSEL = 0)
*8. Charge-pump frequency 32kHz
(control register 1 : CP_F10 = 1, CP_F11 = 1, CP_F12 = 1)
Charge-pump reference voltage 2.5V
(control register 2 : VREGSEL = 1)
*9. The change ratio of the charge-pump voltage by the load.
(Output voltage VOUT2/Output voltage VOUT3) / (Load output voltage VOUT2/Load output voltage
VOUT3)
*10. Charge-pump operates.
*11. Charge-pump stops.
(*11a) Between VOUT2 and VSS.
(*11b) Between VOUT3 and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com