Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 21 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 17Page - ON Semiconductor LC79451KB Datasheet HTML 18Page - ON Semiconductor LC79451KB Datasheet HTML 19Page - ON Semiconductor LC79451KB Datasheet HTML 20Page - ON Semiconductor LC79451KB Datasheet HTML 21Page - ON Semiconductor LC79451KB Datasheet HTML 22Page - ON Semiconductor LC79451KB Datasheet HTML 23Page - ON Semiconductor LC79451KB Datasheet HTML 24Page - ON Semiconductor LC79451KB Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LC79451KB
No.A2223-21/38
7. Register
7-1. Interface Register List
Address
Data
HEX
D7
D6
D5
D4
D3
D2
D1
D0
Contents
SEG0
00h
-
-
-
-
-
-
-
(0)
Image Data
SEG0
SEG*
( to )
-
-
-
-
-
-
-
(0)
Image Data
SEG1 to 126
SEG127
7Fh
-
-
-
-
-
-
-
(0)
Image Data
SEG127
L00
80h
-
-
-
-
-
-
(0)
(1)
Output Level
W0 - S(0)
L01
81h
-
-
-
-
-
-
(1)
(0)
Output Level
W0 - S(1)
L02
82h
-
-
-
-
-
-
(1)
(0)
Output Level
W0 - S(2)
L03
83h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(3)
L04
84h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(4)
L05
85h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(5)
L06
86h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(6)
L07
87h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(7)
L08
88h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(8)
L09
89h
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(9)
L0A
8Ah
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(A)
L0B
8Bh
-
-
-
-
-
-
(0)
(0)
Output Level
W0 - S(B)
L10
90h
-
-
-
-
-
-
(1)
(0)
Output Level
W1 - S(0)
L11
91h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(1)
L12
92h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(2)
L13
93h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(3)
L14
94h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(4)
L15
95h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(5)
L16
96h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(6)
L17
97h
-
-
-
-
-
-
(0)
(1)
Output Level
W1 - S(7)
L18
98h
-
-
-
-
-
-
(0)
(0)
Output Level
W1 - S(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com