Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 25 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 25 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 21Page - ON Semiconductor LC79451KB Datasheet HTML 22Page - ON Semiconductor LC79451KB Datasheet HTML 23Page - ON Semiconductor LC79451KB Datasheet HTML 24Page - ON Semiconductor LC79451KB Datasheet HTML 25Page - ON Semiconductor LC79451KB Datasheet HTML 26Page - ON Semiconductor LC79451KB Datasheet HTML 27Page - ON Semiconductor LC79451KB Datasheet HTML 28Page - ON Semiconductor LC79451KB Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LC79451KB
No.A2223-25/38
7-2. Control Register
(1) Control Register 1 (Charge-pump Control)
Address : F0
D7
D6
D5
D4
D3
D2
D1
D0
CP_F21
CP_F20
CP_F12
CP_F11
CP_F10
CP_T2
CP_T1
CP_T0
(1)
(1)
(0)
(0)
(0)
(1)
(1)
(0)
( ) default
1) CP_T0 to T2
⋅⋅⋅ Charge-pump rising period
Notice : Charge-pump rising period can shorten by capacity value connected outside, electric charge stored to
capacitor, VDD2 power supply voltage, and charge-pump reference voltage. But, please evaluate the
module when you change a default value of charge-pump rising period or recommended capacity value.
In addition, please confirm that charge-pump rising period is enough.
When conditions of use are not met, and select “all at once” of charge-pump voltage generation, this
device may be destroyed.
2) CP_F10 to F12
⋅⋅⋅ Charge-pump frequency of waveform output standby period
3) CP_F20 to F21
⋅⋅⋅ Charge-pump frequency of waveform output period
CP_T2
CP_T1
CP_T0
Charge-pump rising
period
Charge-pump voltage
generation order
Use condition
0
0
0
2ms
0
0
1
4ms
0
1
0
8ms
0
1
1
16ms
VOUT0 to VOUT3
all at once
VOUT2 ≥ +12V
VOUT3 ≤ -12V
1
0
0
16ms
-
1
0
1
32ms
-
1
1
0
64ms
-
1
1
1
128ms
VOUT0 to VOUT3
in turn
-
CP_F12
CP_F11
CP_F10
Frequency
0
0
0
1kHz
0
0
1
2kHz
0
1
0
Stop *1
0
1
1
Stop *1
1
0
0
4kHz
1
0
1
8kHz
1
1
0
16kHz
1
1
1
32kHz
CP_F21
CP_F20
Frequency
0
0
4kHz
0
1
8kHz
1
0
16kHz
1
1
32kHz
(default)
(default)
(default)
*1) Cf. 10 - 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com