Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 4Page - ON Semiconductor LC79451KB Datasheet HTML 5Page - ON Semiconductor LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor LC79451KB Datasheet HTML 10Page - ON Semiconductor LC79451KB Datasheet HTML 11Page - ON Semiconductor LC79451KB Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LC79451KB
No.A2223-8/38
5-4. AC Timing Characteristics (I
2C/SPI)
(Case without the special mention VDD = +2.5V, VSS = 0V, Ta = +25°C)
Parameter
Symbol
Condition
min
typ
max
Unit
Note
VDD - VDD2 setup time
tSU(1)
0
-
-
μs
VDD2 - RESET setup time
tSU(2)
10
-
-
ms
RESET pulse width
tPW(1)
5
-
-
μs
RESET - START condition
RESET - CS setup time
tSU(3)
1
-
-
μs
RESET - VHON setup time
RESET - START setup time
tSU(4)
10
-
-
ms
Automatic charge-pump
mode
Typ
× 0.97
(*1)
(Typ
× 1.03)+1
ms
*2
HVON Flag hold time
tHD(1)
Manual charge-pump
mode
Option
LE Flag hold time
tHD(2)
-
-
1
μs
*2
Note: *1. It is same as rising period of the charge-pump. (Period be set by control register 1)
*2. The Flag is canceled automatically.
1) Timing of main signals from power-up to the initialize operation
Fig.2. VDD, VDD2, RESET, SDA(I
2C) /CS(SPI), HVON Flag/START Flag timing
tSU(2)
VDD
tPW(1)
RESET
(90%)
VDD2
(90%)
tSU(3)
CS
(SPI)
SDA
(I
2C) or
tSU(4)
tSU(1)
HVON Flag
or
START Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com