Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 33 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 33 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 29Page - ON Semiconductor LC79451KB Datasheet HTML 30Page - ON Semiconductor LC79451KB Datasheet HTML 31Page - ON Semiconductor LC79451KB Datasheet HTML 32Page - ON Semiconductor LC79451KB Datasheet HTML 33Page - ON Semiconductor LC79451KB Datasheet HTML 34Page - ON Semiconductor LC79451KB Datasheet HTML 35Page - ON Semiconductor LC79451KB Datasheet HTML 36Page - ON Semiconductor LC79451KB Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LC79451KB
No.A2223-33/38
10. Instructions
10-1. Recommended Specifications Example of the External Parts
The following shows a recommended specifications example of the external parts.
When charge-pump reference voltage is 2.5V, C01 is unnecessary.
Symbol
Pin
Voltage
Capacity value
Voltage rating of capacitor
Note
C1
VDD
VDD
1.0
μF
6V
-
C2
VDD2
VDD2
1.0
μF
6V
-
C3
VOUT0
2.5V
1.0
μF
6V
B characteristic
C4
VOUT1
5.0V
1.0
μF
6V
B characteristic
C5
VOUT2
15.0V
0.1
μF
25V
B characteristic
C6
VOUT3
-15.0V
0.1
μF
25V
B characteristic
C01
C01A/B
1.25V
1.0
μF
6V
B characteristic
C11
C11A/B
2.5V
1.0
μF
6V
B characteristic
C21
C21A/B
5.0V
0.1
μF
6V
B characteristic
C22
C22A/B
10.0V
0.1
μF
16V
B characteristic
C31
C31A/B
15.0V
0.1
μF
25V
B characteristic
Notice : These value are recommendation. “Electrical characteristic” of Cf.5 is the value using the
recommendation.
The capacity value, please decide the most suitable value after having evaluated the module.
The external parts are located near this device by wiring as short as possible, because may have an
influence of the characteristic drop by parasitic resistance in the pattern wiring.
C5
VOUT0
LC79451KB
VOUT2
VOUT1
C01
C4
VOUT0
C3
VDD
VOUT1
C01A
C01B
VOUT2
C21
C21A
C21B
C22
C22A
C22B
C6
VOUT3
VOUT3
C31
C31A
C31B
VDD
VSS
VSS
C1
C11
C11A
C11B
VDD2
VDD2
C2
Fig.14. Recommended specifications example of the external part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com