Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 15 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 11Page - ON Semiconductor LC79451KB Datasheet HTML 12Page - ON Semiconductor LC79451KB Datasheet HTML 13Page - ON Semiconductor LC79451KB Datasheet HTML 14Page - ON Semiconductor LC79451KB Datasheet HTML 15Page - ON Semiconductor LC79451KB Datasheet HTML 16Page - ON Semiconductor LC79451KB Datasheet HTML 17Page - ON Semiconductor LC79451KB Datasheet HTML 18Page - ON Semiconductor LC79451KB Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
LC79451KB
No.A2223-15/38
6-2. Waveform Generation Function
This device is equipped with a function to generate four kinds of the normal drive waveform, and one kind of the
refresh waveform.
Each waveform can set the output level and the output time.
6-2-1. Normal Drive Waveform
The normal drive waveform is divided into 12 sections and can set the output level and the output time of each section
by the registers.
The output level of one section selects among 3 levels of +15V, 0V, -15V.
The output time of one section selects from the range of 1ms to 256ms.
Transition of the following image state can set the normal drive waveform each.
White image
⇒ White image
White image
⇒ Black image
Black image
⇒ White image
Black image
⇒ Black image
Output driver outputs one waveform by setting START Flag.
White and black can turn over by setting DB Flag.
6-2-2. Refresh Drive Waveform
The image is changed to full screen white or full screen black by the refresh drive waveform.
The refresh drive waveform is divided into 4 sections and can set the output level and the output time of each section
by the registers.
The output level of one section selects among 3 levels of +15V, 0V, -15V.
The output time of one section selects from the range of 8ms to 2048ms.
Output driver outputs one waveform by setting START Flag.
1st
section
S(0)
+15V
0V
-15V
2nd
section
S(1)
3rd
section
S(2)
10th
section
S(9)
11th
section
S(10)
12th
section
S(11)
(White)
Non-drive state
(Black)
Non-drive state
+15V
0V
-15V
(White)
(Black)
Non-drive state
Non-drive state
1st
section
SR(0)
2nd
section
SR(1)
3rd
section
SR(2)
4th
section
SR(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com