Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 3 Page - ON Semiconductor

  LC79451KB Datasheet HTML 1Page - ON Semiconductor LC79451KB Datasheet HTML 2Page - ON Semiconductor LC79451KB Datasheet HTML 3Page - ON Semiconductor LC79451KB Datasheet HTML 4Page - ON Semiconductor LC79451KB Datasheet HTML 5Page - ON Semiconductor LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LC79451KB
No.A2223-3/38
4. Pin Functions
4-1. Pin List
Power Supply Pin
Symbol
Connection
I/O
Range
Function
VDD
Power supply
-
+1.6V to +3.6V
Logic power supply
VDD2
Power supply
-
+1.8V to +3.6V
Analog power supply
VSS
Power supply
-
0V
Ground
Interface Setting Pin
Symbol
Connection
I/O
Function
IFSEL
VDD/VSS
I
Interface selection
IFSEL = L : 2-wire serial interface (I
2C)
IFSEL = H : 3-wire serial interface (SPI)
I
2C Interface ID Setting Pin
Symbol
Connection
I/O
Function
ID1
ID2
VDD/VSS
I
I
2C interface ID
Connected to VDD : ID = 1
Connected to VSS : ID = 0
External Interface Pin
Symbol
Connection
I/O
Function
RESET
External circuit
I
Reset signal
RESET = L : Initialization
RESET = H : Normal operation
CS
External circuit
/VSS
I
LSI selection signal of 3-wire serial interface
CS = L : LSI operates
CS = H : LSI does not operate
(When you select 2-wire serial interface, please connect VSS.)
SCL
External circuit
I
Serial clock of 2-wire serial interface
Pull-up to VDD.
Connect other device of open-drain output to Wired-OR.
Serial clock of 3-wire serial interface
SDA
External circuit
I/O
Input and output data signal of 2-wire serial interface
Input : Pull-up to VDD.
Connect other device of open-drain output to Wired-OR.
Output : Nch open-drain.
Input data of 3-wire serial interface
SPIDRW
External circuit
/VSS
I
Read / Write mode selection signal of 3-wire serial interface
SPIDRW = L : Write Mode
SPIDRW = H : Read Mode
(When you select 2-wire serial interface, please connect VSS.)
DAOUT
External circuit
/Open
O
RESET detection signal of 2-wire serial interface
RESET detection signal or internal data of 3-wire serial interface
SPIDRW = L : RESET detection signal
SPIDRW = H : Internal data
(With selecting 2-wire serial interface, DAOUT outputs STERR of control register 4. It shows
RESET detection signal.)
BUSY
External circuit
/Open
O
The signal which shows prohibition of the update of “waveform parameter” and “control
register”
(With selecting 2-wire serial interface, BUSY output START of control register 4. It shows
prohibition of the update signal.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com