Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 29 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 29 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 25Page - ON Semiconductor LC79451KB Datasheet HTML 26Page - ON Semiconductor LC79451KB Datasheet HTML 27Page - ON Semiconductor LC79451KB Datasheet HTML 28Page - ON Semiconductor LC79451KB Datasheet HTML 29Page - ON Semiconductor LC79451KB Datasheet HTML 30Page - ON Semiconductor LC79451KB Datasheet HTML 31Page - ON Semiconductor LC79451KB Datasheet HTML 32Page - ON Semiconductor LC79451KB Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LC79451KB
No.A2223-29/38
8-2. Manual Charge-pump Mode
8-2-1. Initialization
< sequence >
(1) Set RESET pin high
(2) Charge-pump frequency setting
(Control register 1 = C6h)
(3) Operating control setting and Charge-pump start
(Control register 2 = 03h)
(4) Waveform parameter setting
(5) Waiting time
(Voltage be stable)
(6) RFSH Flag setting
(Control register 3 = 01h)
(7) START Flag setting
(Control register 4 = 01h)
(8) Drive period
(Waveform output)
(9) RFSH Flag cancel
(Control register 3 = 00h)
When START Flag (7) is set in waiting time (5), sequence waits for the end of waiting time (5) and shifts to drive
period (8).
8-2-2. Sequential Image Change
< sequence >
(1) The first image data transmission
(2) START Flag setting
(Control register 4 = 01h)
(3) Drive period
(Waveform output)
(4) The second image data transmission
(5) START Flag setting
(Control register 4 = 01h)
(6) Drive period
(Waveform output)
You may set the second image data transmission (4) during drive period (3). But “control register” and “waveform
parameter” must not update.
Please set the setting of STRAT Flag (5) at the time of BUSY = Low of first image or STRAT Flag = Low.
CS
SDA
SCL
(3)
(1)
(2)
BUSY(output)
(6)
(4)
(5)
RESET
CS
SDA
SCL
(1)
(2)
(3)
(4)
(5)
(6)
BUSY(output)
(7)
(8)
(9)
VDD2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com