Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 31Page - Texas Instruments TMP007 Datasheet HTML 32Page - Texas Instruments TMP007 Datasheet HTML 33Page - Texas Instruments TMP007 Datasheet HTML 34Page - Texas Instruments TMP007 Datasheet HTML 35Page - Texas Instruments TMP007 Datasheet HTML 36Page - Texas Instruments TMP007 Datasheet HTML 37Page - Texas Instruments TMP007 Datasheet HTML 38Page - Texas Instruments TMP007 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
7.5.14 Memory Access Register (address = 2Ah) [reset = 0000h]
The internal memory can be accessed through the memory access register. When the register is read, it returns
the values in read name. When the register is written to, it must contain the value 6Axxh to enable the contents
of the register specified by Adr4 to Adr0 to be stored in memory.
Figure 51. Memory Access Register: Read
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Mem
nwR_2 nwR_1 nwR_0
—
—
—
—
Adr4
Adr3
Adr2
Adr1
Adr0
0
0
0
Crpt
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 52. Memory Access Register: Write
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Gener
Mem
Single
0
1
1
0
1
0
1
0
Adr4
Adr3
Adr2
Adr1
Adr0
al
Store
Load
Load
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
LEGEND: N/A = reset value not applicable for write operation.
nwR_2 to nwR_0:
Number of Programs. Bits 15 to 13.
A memory location can be programmed a maximum of eight times. These bits contain the number of times this
location has been programmed. After the eighth programming to a given location, subsequent attempts to program
are ignored.
Mem Crpt:
Memory Corrupt. Bit 12 (read only).
This bit is a mirror of bit 8 in the status register.
Adr4 to Adr0:
Memory Address. Bits 7 to 3.
Used to specify register address to operate on. Address here is the same as the register in register address table..
General Load:
General Load. Bit 2 (write only).
Loads all registers from memory with the last value stored in memory for that register. Adr[4:0] are don’t care in this
case.
Mem Store:
Memory Store. Bit 1 (write only).
Write 1 to this bit along with the register address to store that registers contents to memory.
Single Load:
Single Load. Bit 0.
Performs an load of the memory contents to the register address determined by the Adr[4:0] bits.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com