Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments TMP007 Datasheet HTML 16Page - Texas Instruments TMP007 Datasheet HTML 17Page - Texas Instruments TMP007 Datasheet HTML 18Page - Texas Instruments TMP007 Datasheet HTML 19Page - Texas Instruments TMP007 Datasheet HTML 20Page - Texas Instruments TMP007 Datasheet HTML 21Page - Texas Instruments TMP007 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
7.3.8 Serial Interface
The TMP007 operates only as a slave device on the serial bus. Connections to the bus are made using the SCL
Input and open-drain I/O SDA line. The SDA and SCL pins feature integrated spike suppression filters and
Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP007 supports the transmission
protocol for both fast and fastplus (1 kHz to 1 MHz) and high-speed (1 MHz to 2.5 MHz) mode. All data bytes are
transmitted MSB first. At higher speeds, thermal dissipation affects device operation, including accuracy.
7.3.8.1 Bus Overview
The device that initiates a transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the start and stop conditions.
To address a specific device, a start condition is initiated, indicated by pulling the data-line (SDA) from a high-to-
low logic level while SCL is high. All slaves on the bus shift in the slave address byte, with the last bit indicating
whether a read or write operation is intended. During the ninth clock pulse, the slave being addressed responds
to the master by generating an Acknowledge and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer SDA must remain stable while SCL is high, as any change in SDA while SCL is high will be interpreted
as a control signal.
Once all data has been transferred, the master generates a stop condition, indicated by pulling SDA from low to
high while SCL is high.
7.3.8.2 Serial Bus Address
To communicate with the TMP007, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits, and a direction bit indicating the intent of executing a read or
write operation. The TMP007 features two address pins allowing up to eight devices to be connected on a single
bus. Pin logic levels and the corresponding address values are described in Table 4.
Table 4. Address Pins and Slave Addresses
ADR1
ADR0
SMBus ADDRESSES
0
0
1000000
0
1
1000001
0
SDA
1000010
0
SCL
1000011
1
0
1000100
1
1
1000101
1
SDA
1000110
1
SCL
1000111
7.3.8.3 Writing and Reading Operations
Accessing a particular register on the TMP007 is accomplished by writing the appropriate value to the pointer
register. The value for the pointer register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP007 requires a value for the pointer register (see Figure 24).
When reading from the TMP007, the last value stored in the pointer register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, write a
new value to the pointer register. This action is accomplished by issuing a slave address byte with the R/W bit
low, followed by the pointer register byte. No additional data are required. The master then generates a start
condition and sends the slave address byte with the R/W bit high to initiate the read command. See Figure 25 for
details of this sequence. If repeated reads from the same register are desired, it is not necessary to continually
send the pointer register byte because the TMP007 remembers the pointer register value until it is changed by
the next write operation.
Note that register bytes are sent most significant byte first, followed by the least significant byte.
18
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com