Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 44Page - Texas Instruments TMP007 Datasheet HTML 45Page - Texas Instruments TMP007 Datasheet HTML 46Page - Texas Instruments TMP007 Datasheet HTML 47Page - Texas Instruments TMP007 Datasheet HTML 48Page - Texas Instruments TMP007 Datasheet HTML 49Page - Texas Instruments TMP007 Datasheet HTML 50Page - Texas Instruments TMP007 Datasheet HTML 51Page - Texas Instruments TMP007 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
11 Device and Documentation Support
11.1 Device Support
11.1.1 Device Nomenclature
The device performance is characterized by the signal, responsivity, and the noise of the sensor. The sensor
noise can be characterized in terms of the raw sensor voltage, or in terms of a reference system with known
optical transfer function.
Responsivity A measure of the voltage generated by the thermopile as a function of the thermal radiation
incident on the device. The responsivity is measured in V/W. Typically incident radiations are in µW
and sensor output voltages in µV.
Sensor Noise The noise voltage intrinsic to the sensor given in nV. This parameter is conversion-time
dependent.
Noise Equivalent Power (NEP) The smallest thermal power difference that the detector can reliably detect;
measured in nW. The NEP is a function of the sensor noise and the responsivity.
Noise Equivalent Temperature Difference (NETD) The smallest temperature difference the detector can
reliably detect; measured in milliKelvins (mK). The NETD is a function of the sensor noise,
responsivity and the system specific optical path.
For comparison purposes, NETD is given for a reference system without a lens and with an
ideal (nonabsorbing) F/1 lens.
11.2 Documentation Support
11.2.1 Related Documentation
SBOU142 — TMP007 Calibration Guide.
SBOU143 — TMP007 Layout and Assembly Guide.
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided AS IS by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.4 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
11.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
48
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com