Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 20Page - Texas Instruments TMP007 Datasheet HTML 21Page - Texas Instruments TMP007 Datasheet HTML 22Page - Texas Instruments TMP007 Datasheet HTML 23Page - Texas Instruments TMP007 Datasheet HTML 24Page - Texas Instruments TMP007 Datasheet HTML 25Page - Texas Instruments TMP007 Datasheet HTML 26Page - Texas Instruments TMP007 Datasheet HTML 27Page - Texas Instruments TMP007 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
High Limit
Low Limit
Conversions Done
Alert Flag
Status Register
Reads
Alert Pin
SMBus Alert
Response
Violating Condition:
Limit Mode
Violating Condition:
Window Mode
High Limit
Low Limit
Alert Flag
Status Register
Reads
Alert Pin
SMBus Alert
Response
Conversion Completed
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Device Functional Modes (continued)
7.4.2.1 INT Mode (INT/COMP = 0)
In this mode the high and low limits form a limit window. The ALRTEN bit must be asserted if the ALERT pin
functionality is desired. If the calculated temperature is above the high limit or below the low limit at the end of a
conversion its respective enabled flag is asserted.
Figure 27. INT Mode
After the flag is asserted, it can only be cleared by a read of the status register, which clears the flag and the pin.
The ALERT pin can also be cleared by the SMB alert response command (see the SMBus Alert Function
section); however, this action does not clear the flag.
7.4.2.2 COMP Mode (INT/COMP = 1)
In COMP mode, the limits are used to form an upper limit threshold detector. If the calculated temperature is
above the high limit, the high limit flag is asserted. The high limit flag is then deasserted only after the
temperature goes below the low limit. The low limit register value determines the degree of hysteresis in the
COMP function. In COMP mode, only the high limit enable has effect on the limit flags. The low limit enable flag
does not have any effect on the low limit flags and the low limit flags always read 0. In this mode, the flags are
asserted and deasserted only at the end of a conversion and cannot be cleared by a status register read or an
SMB alert response.
Figure 28. COMP Mode
24
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com