Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 35Page - Texas Instruments TMP007 Datasheet HTML 36Page - Texas Instruments TMP007 Datasheet HTML 37Page - Texas Instruments TMP007 Datasheet HTML 38Page - Texas Instruments TMP007 Datasheet HTML 39Page - Texas Instruments TMP007 Datasheet HTML 40Page - Texas Instruments TMP007 Datasheet HTML 41Page - Texas Instruments TMP007 Datasheet HTML 42Page - Texas Instruments TMP007 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
70
80
Object Temperature (
SC)
0°C-C
20°C-C
40°C-C
60°C-C
0°C-U
20°C-U
40°C-U
60°C-U
C015
0.00
0.05
0.10
0.15
0.20
0.25
0
10
20
30
40
50
60
70
80
Object Temperature (
SC)
0°C-C
20°C-C
40°C-C
60°C-C
0°C-U
20°C-U
40°C-U
60°C-U
C016
Accuracy
Mean Calibration Error
3 Standard Deviations
=
±
(
)
N
MEAN
OBJ_PREDICT
OBJ_ACTUAL
1
1
E
T
T
N
=
-
å
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
8.2.1.2.2
Verifying the Calibration
The next step is to use the generated coefficients to verify the calibration, and determine the accuracy of the
system. For common calibration (C) , the same coefficients are used for all devices; in unit calibration (U) the
coefficients are calculated for each device. Common calibration includes device-to-device variation, and thus is
less accurate, but much easier to implement. Unit calibration is more accurate, and eliminates device variation,
but requires more effort to implement. The choice depends on the application requirements for accuracy versus
implementation effort.
Mean calibration error at each point is defined as shown in Equation 13:
where
•
TOBJ_PREDICT is the temperature based on the calibration coefficients.
•
TOBJ_ACTUAL is the known object temperature, measured independently.
•
N is the number of devices in the calibration set.
(13)
The mean error graph (see Figure 54) provides an efficient method of understanding how the systematic errors
vary across the temperature ranges of interest. This graph also provides a means of weighing the benefits and
efforts of common versus unit calibration for a particular application.
Note that calibration does not affect the temporal random noise observed, as shown in Figure 55. The standard
deviation of the temperature error is independent of the calibration if the random error is dominated by the sensor
noise and not external system factors, such as convection and conduction. For common calibration, the total
standard deviation increases because of the effects of device-to-device variation. This standard deviation is
calculated in the usual way, by substituting TOBJ_PREDICT for the mean in the standard deviation formula.
The accuracy is then defined as the mean calibration error plus the random errors from all sources. For this
example application, use the criteria shown in Equation 14:
(14)
The resulting accuracy over TOBJ and TDIE is shown in Figure 10 and Figure 11 for the unit- and common-
calibration approaches, respectively. Clearly, the unit calibration results in higher accuracy, though common
calibration is applicable for many application requirements.
8.2.1.3 Application Curves
Figure 54. Mean Calibration Error, Wide Range Over TDIE
Figure 55. Noise in Temperature Measurement, Wide
Range Over TDIE
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com