Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 29Page - Texas Instruments TMP007 Datasheet HTML 30Page - Texas Instruments TMP007 Datasheet HTML 31Page - Texas Instruments TMP007 Datasheet HTML 32Page - Texas Instruments TMP007 Datasheet HTML 33Page - Texas Instruments TMP007 Datasheet HTML 34Page - Texas Instruments TMP007 Datasheet HTML 35Page - Texas Instruments TMP007 Datasheet HTML 36Page - Texas Instruments TMP007 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
7.5.11.4 B0 Coefficient Register (address = 0Dh) [reset = FF3Ah]
Figure 43. B0 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
B0_15
B0_14
B0_13
B0_12
B0_11
B0_10
B0_9
B0_8
B0_7
B0_6
B0_5
B0_4
B0_3
B0_2
B0_1
B0_0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-1
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
B0_15 to B0_0:
B0 Coefficient Value. Bits 15 to 0
Twos complement format. Range and resolution given in Table 9
7.5.11.5 B1 Coefficient Register (address = 0Eh) [reset = FF71h]
Figure 44. B1 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
B1_15
B1_14
B1_13
B1_12
B1_11
B1_10
B1_9
B1_8
B1_7
B1_6
B1_5
B1_4
B1_3
B1_2
B1_1
B1_0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
B1_15 to B1_0:
B1 Coefficient Value. Bits 15 to 0
Twos complement format. Range and resolution given in Table 9
7.5.11.6 B2 Coefficient Register (address = 0Fh) [reset = 0553h]
Figure 45. B2 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
B2_15
B2_14
B2_13
B2_12
B2_11
B2_10
B2_9
B2_8
B2_7
B2_6
B2_5
B2_4
B2_3
B2_2
B2_1
B2_0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
B2_15 to B2_0:
B2 Coefficient Value. Bits 15 to 0
Twos complement format. Range and resolution given in Table 9
7.5.11.7 C2 Coefficient Register (address = 10h) [reset = 0000h]
Figure 46. C2 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
C2_11
C2_10
C2_9
C2_8
C2_7
C2_6
C2_5
C2_4
C2_3
C2_2
C2_1
C2_0
—
—
—
—
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
C2_11 to C2_0:
C2 Coefficient Value. Bits 15 to 4
Twos complement format. Range and resolution given in Table 9
7.5.11.8 TC0 Coefficient Register (address = 11h) [reset = 0034h]
Figure 47. TC0 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TC0_
TC0_
TC0_
TC0_
TC0_
TC0_
TC0_9
TC0_8
TC0_7
TC0_6
TC0_5
TC0_4
TC0_3
TC0_2
TC0_1
TC0_0
15
14
13
12
11
10
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
TC0_15 to TC0_0:
TC0 Coefficient Value. Bits 15 to 0
Twos complement format. Range and resolution given in Table 9
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com