Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments TMP007 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Sensor
1.9 mm
0.33 mm
0.33 mm
0.165 mm
0.165 mm
1.9 mm
TMP007
Object
D
-
d
Sensor
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
7.3.2 Field of View and Angular Response
The TMP007 senses all radiation within a defined field of view (FOV). The FOV (or full-angle of
θ) is defined as
2
Φ. The TMP007 contains no optical elements, and thus senses all radiation within the hemisphere to the front of
the device. Figure 2 shows the angular dependence of the sensor response and the relative power for a circular
object that subtends a half angle of phi (
Φ). Figure 19 defines the angle Φ in terms of object diameter and
distance. Figure 19 assumes that the object is well approximated as a plane that is perpendicular to the sensor
axis.
Figure 19. FOV Geometry Definition
In this case, the maximum contribution is from the portion of the object directly in front of the TMP007 (
Φ = 0),
with the sensitivity per solid angle, dR/d
Φ decreases as Φ increases. Approximately 50% of the energy sensed
by the TMP007 is within a FOV (
θ) = 90°.
This discussion is for illustrative purposes only; in practice the angular response (dR/d
Φ) of the TMP007 to the
object is affected by the object orientation, the number of objects, and the precise placement relative to the
TMP007. Figure 20 shows the thermopile sensor dimensions.
NOTE: Thermopile sensor is centered in the device.
Figure 20. Thermopile Sensor Dimensions
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com