Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 21Page - Texas Instruments TMP007 Datasheet HTML 22Page - Texas Instruments TMP007 Datasheet HTML 23Page - Texas Instruments TMP007 Datasheet HTML 24Page - Texas Instruments TMP007 Datasheet HTML 25Page - Texas Instruments TMP007 Datasheet HTML 26Page - Texas Instruments TMP007 Datasheet HTML 27Page - Texas Instruments TMP007 Datasheet HTML 28Page - Texas Instruments TMP007 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Device Functional Modes (continued)
7.4.3 Nonvolatile Memory Description
7.4.3.1 Programming the Nonvolatile Memory
The TMP007 has an internal memory that can be programmed eight times. This internal memory stores power-
on reset (POR) values for all writeable registers in the register map. The default POR values for each register are
used if their memory location has not been overwritten through the I2C interface. The stored values in memory
are loaded at power up, software reset, general load command, single load command, or SMBus general call
reset.
On a memory store, bits NWr2:0 are incremented and indicate the number of writes remaining, as described in
Table 6. Note the ambiguity in condition for code 000. Every memory location is individually writable, and the
value returned for NWr depends on how many times that individual memory location has previously been written.
Table 6. Number of Writes Remaining to Nonvolatile Memory
NWr_2
NWR_1
NWR_0
TOTAL NUMBER WRITES PERFORMED
TOTAL NUMBER OF WRITES REMAINING
0
0
0
0
8
0
0
0
1
7
0
0
1
2
6
0
1
0
3
5
0
1
1
4
4
1
0
0
5
3
1
0
1
6
2
1
1
0
7
1
1
1
1
8
0
To program the memory, write the desired value in the appropriate register address. Then write to the memory
access register (2Ah) with 6Ah in the MSB (B15:B8), the 5-bit register address in B7:B3, and 1 in B1 (the single
write bit in the same write operation). If 6Ah prefix code is not written, then the write operation is ignored. A
sample flow is shown in Figure 29.
Figure 29. Sample Flow
Write Value to Target Register
Write to Memory Access Register Address 2Ah
2Ah
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
NWr_2
NWr_1
NWr_0
Mem. Crpt
–
–
–
–
Adr4
Adr3
Adr2
Adr1
Adr0
Gen Load
MEM Store
Sin Load.
Value
0
1
1
0
1
0
1
0
A4
A3
A2
A1
A0
0
1
0
Clear Target Register
Write to Memory Access Register (2Ah) to Load Value from Memory to Target Register
2Ah
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
NWr_2
NWr_1
NWr_0
Mem. Crpt
–
–
–
–
Adr4
Adr3
Adr2
Adr1
Adr0
Gen Load
MEM Store
Sin Load.
Value
0
1
1
0
1
0
1
0
A4
A3
A2
A1
A0
0
0
1
Read Target Register to Verify Programming
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com