Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 24Page - Texas Instruments TMP007 Datasheet HTML 25Page - Texas Instruments TMP007 Datasheet HTML 26Page - Texas Instruments TMP007 Datasheet HTML 27Page - Texas Instruments TMP007 Datasheet HTML 28Page - Texas Instruments TMP007 Datasheet HTML 29Page - Texas Instruments TMP007 Datasheet HTML 30Page - Texas Instruments TMP007 Datasheet HTML 31Page - Texas Instruments TMP007 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
7.5.1 Sensor Voltage Result Register (address = 00h) [reset = 0000h]
Figure 30. Sensor Voltage Result Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
V15
V14
V13
V12
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
V15 to V0 :
Sensor Voltage Result. Bits 15:0
Range: ±5.12 mV
Resolution: 156.25 nV/LSB
This is the digitized IR sensor voltage output in twos complement format.
7.5.2 TDIE Local Temperature Result Register (address = 01h) [reset = 0000h]
Figure 31. TDIE Local Temperature Result Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0
0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
T13 to T0:
Temperature result. Bits 15 to 2.
The data format is 14 bits, 0.03125°C per LSB in twos complement format. Full scale allows a result of up to ±256°C. Reset value is 00h.
7.5.3 Configuration Register (address = 02h) [reset = 1440h]
Figure 32. Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT/
RST
—
—
MOD
CR2
CR1
CR0
ALRTEN
ALRTF
TC
—
—
—
—
—
COMP
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Note:
Writing to the Configuration register will restart the ADC conversion (unless the write is to put the device in shutdown mode)
RST:
Software Reset Bit. Bit 15 (Write Only)
Writing 1 to this bit generates a system reset that is the same as power on reset. It will reset all registers to default values including
configuration register. This bit self-clears. Any conversion in progress is terminated.
MOD:
Conversion Mode Select, Bit 12 (Read/Write)
Mode
MOD
Power Down
0
Conversion ON
1 (default)
Selects the conversion mode of the device.
CR2 to CR0:
Conversion Rate/Averaging Mode Bits. Bits 11 to 9
Controls the Number of conversions used to generate the value in the VSensor and TDIE registers.
There are a number of conversion modes available.
CR2
CR1
CR0
NUMBER OF AVERAGES PER
TOTAL CONVERSION TIME (s)
IQ µA AVERAGE
CONVERSION
0
0
0
1
0.26
270
0
0
1
2
0.51
270
0
1
0
4 (default)
1.01
270
0
1
1
8
2.01
270
1
0
0
16
4.01
270
1
0
1
1
1.0 (Idle for 0.75)
85
1
1
0
2
4.0 ( Idle for 3.5)
60
1
1
1
4
4.0 (Idle for 3.0)
85
28
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com