Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 28Page - Texas Instruments TMP007 Datasheet HTML 29Page - Texas Instruments TMP007 Datasheet HTML 30Page - Texas Instruments TMP007 Datasheet HTML 31Page - Texas Instruments TMP007 Datasheet HTML 32Page - Texas Instruments TMP007 Datasheet HTML 33Page - Texas Instruments TMP007 Datasheet HTML 34Page - Texas Instruments TMP007 Datasheet HTML 35Page - Texas Instruments TMP007 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
7.5.11 Coefficient Registers
The values of the coefficient registers described above are used in the math engine. The range and resolution of
the coefficients are shown in Table 9. The default coefficients, TC0 and TC1, are optimized for the default
conversion mode (four averages per measurement). Different acquisition modes may require different values for
the TC0 and TC1 coefficients.
Table 9. Coefficient Range and Resolution(1)
REGISTER
HEX DEFAULT
ADDRESS
VARIABLE
BITS
RANGE
RESOLUTION
DEFAULT VALUES
VALUES
0A
S0
16
0 – 298E-15
LSB = 4.5475E-18
4.430E-14
0260Eh
0B
A1
16
±125E-3
LSB = 3.8150E-06
9.995E-04
0106h
0C
A2
16
±1.9E-3
LSB = 5.9600E-08
–6.020E-06
FF9Bh
0D
B0
16
±5.12E-3
LSB = 1.5625E-07
–3.094E-05
FF3Ah
0E
B1
16
±20E-6
LSB = 6.1035E-10
–8.728E-08
FF71h
0F
B2
16
±312E-9
LSB = 9.5367E-12
1.300E-08
0553h
10
C2
12
±97.65
LSB = 4.7680E-02
0
0000h
11
TC0
16
±163E-3
LSB = 5.0000E-06
2.600E-04
0034h
12
TC1
16
±1024
LSB = 3.1250E-02
0
0000h
(1)
All signed values are twos complement data.
7.5.11.1 S0 Coefficient Register (address = 0Ah) [reset = 260Eh]
Figure 40. S0 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S0_15
S0_14
S0_13
S0_12
S0_11
S0_10
S0_9
S0_8
S0_7
S0_6
S0_5
S0_4
S0_3
S0_2
S0_1
S0_0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
S0_15 to S0_0:
S0 Coefficient Value. Bits 15 to 0.
Range and resolution given in Table 9
7.5.11.2 A1 Coefficient Register (address = 0Bh) [reset = 0106h]
Figure 41. A1 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
A1_15
A1_14
A1_13
A1_12
A1_11
A1_10
A1_9
A1_8
A1_7
A1_6
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
A1_15 to A1_0:
A1 Coefficient Value. Bits 15 to 0.
Twos complement format. Range and resolution given in Table 9
7.5.11.3 A2 Coefficient Register (address = 0Ch) [reset = FF9Bh]
Figure 42. A2 Coefficient Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
A2_15
A2_14
A2_13
A2_12
A2_11
A2_10
A2_9
A2_8
A2_7
A2_6
A2_5
A2_4
A2_3
A2_2
A2_1
A2_0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
A2_15 to A2_0:
A2 Coefficient Value. Bits 15 to 0
Twos complement format. Range and resolution given in Table 9
32
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com