Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 27Page - Texas Instruments TMP007 Datasheet HTML 28Page - Texas Instruments TMP007 Datasheet HTML 29Page - Texas Instruments TMP007 Datasheet HTML 30Page - Texas Instruments TMP007 Datasheet HTML 31Page - Texas Instruments TMP007 Datasheet HTML 32Page - Texas Instruments TMP007 Datasheet HTML 33Page - Texas Instruments TMP007 Datasheet HTML 34Page - Texas Instruments TMP007 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
7.5.7 TOBJ Object Temperature High-Limit Register (address = 06h) [reset = 7FC0h]
Figure 36. TOBJ Object Temperature High-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
T9 to T0:
Object Temperature High Limit. Bits 15 to 6
The data format is 10 bits, 0.5°C per bit. Full scale allows a result of up to ±256C. Twos complement data.
Bits 5 to 0:
Not used; these bits always read 0.
7.5.8 TOBJ Object Temperature Low-Limit Register (address = 07h) [reset = 8000h]
Figure 37. TOBJ Object Temperature Low-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
T9 to T0:
Object Temperature Low Limit. Bits 15 to 6
The data format is 10 bits, 0.5°C per bit. Full scale allows a result of up to ±256C. Twos complement data.
Bits 5 to 0:
Not used; these bits always read 0.
7.5.9 TDIE Local Temperature High-Limit Register (address = 08h) [reset = 7FC0h]
Figure 38. TDIE Local Temperature High-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
T9 to T0:
TDIE Temperature High Limit. Bits 15 to 6
The data format is 10 bits with LSB of 0.5°C. Full scale allows a result of up to ±256C. Twos complement data.
Bits 5 to 0:
Not used; these bits always read 0.
7.5.10 TDIE Local Temperature Low-Limit Register (address = 09h) [reset = 8000h]
Figure 39. TDIE Local Temperature Low-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
T9 to T0:
TDIE Temperature Low Limit. Bits 15 to 6.
The data format is 10 bits with LSB of 0.5°C. Full scale allows a result of up to ±256C. Twos complement data.
Bits 5 to 0:
Not used; these bits always read 0.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com