Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 16Page - Texas Instruments TMP007 Datasheet HTML 17Page - Texas Instruments TMP007 Datasheet HTML 18Page - Texas Instruments TMP007 Datasheet HTML 19Page - Texas Instruments TMP007 Datasheet HTML 20Page - Texas Instruments TMP007 Datasheet HTML 21Page - Texas Instruments TMP007 Datasheet HTML 22Page - Texas Instruments TMP007 Datasheet HTML 23Page - Texas Instruments TMP007 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
7.3.8.9 Two-Wire Timing
The TMP007 is two-wire and SMBus compatible. Figure 23 to Figure 26 describe the various operations on the
TMP007. Parameters for Figure 23 are defined in Table 5. Bus definitions are:
Bus Idle
Both SDA and SCL lines remain high.
Start Data Transfer A change in the state of the SDA line, from high to low, while the SCL line is high defines a
start condition. Each data transfer is initiated with a start condition.
Stop Data Transfer A change in the state of the SDA line from low to high while the SCL line is high defines a
stop condition. Each data transfer is terminated with a repeated start or stop condition.
Data Transfer The number of data bytes transferred between a start and a stop condition is not limited, and is
determined by the master device.
The receiver acknowledges the transfer of data. It is also possible to use the TMP75B for
single-byte updates. To update only the MS byte, terminate communication by issuing a start
or stop condition on the bus.
Acknowledge Each receiving device, when addressed, must generate an acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock
pulse so that the SDA line is stable low during the high period of the acknowledge clock
pulse. Setup and hold times must be taken into account. When a master receives data, the
termination of the data transfer can be signaled by the master generating a not-acknowledge
(1) on the last byte transmitted by the slave.
Table 5. Two-Wire Timing Requirements
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
2.5
MHz
t(BUF)
Bus free time between stop and start condition
1300
260
ns
t(HDSTA)
Hold time after repeated start condition.
600
160
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated start condition setup time
600
160
ns
t(SUSTO)
Stop condition setup time
600
160
ns
t(HDDAT)
Data hold time
0
900
0
150
ns
t(SUDAT)
Data setup time
100
30
ns
t(LOW)
SCL clock low period
1300
260
ns
t(HIGH)
SCL clock high period
600
60
ns
tF, tR – SDA
Data fall and rise time
300
80
ns
tF, tR – SCL
Clock fall and rise time
300
40
ns
tR
Rise time for SCL
≤ 100 kHz
1000
ns
20
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com