Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 40Page - Texas Instruments TMP007 Datasheet HTML 41Page - Texas Instruments TMP007 Datasheet HTML 42Page - Texas Instruments TMP007 Datasheet HTML 43Page - Texas Instruments TMP007 Datasheet HTML 44Page - Texas Instruments TMP007 Datasheet HTML 45Page - Texas Instruments TMP007 Datasheet HTML 46Page - Texas Instruments TMP007 Datasheet HTML 47Page - Texas Instruments TMP007 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
OBJ
30 nW
T
140 mK
213 nW/K
'
|
3
3
OUT
8
OBJ B OBJ
det
OBJ
OBJ
3
0
V
nW
NEP
T
A
1 cos
T
213
T
R
K
H
V
T
'
§
·

'
'
¨
¸
©
¹
.
rms noise
OBJ
OUT
Sensor
0.25 9
T
110 mK
V
2 3 9.
'
|
'
.
SENSOR
OBJ

'
V
2 3
T
K


K
cos
3
3
8
OUT
OBJ B OBJ
det
0
OBJ
3
V
T
A
1
R
T
H
V
T
'

'
.
2
2
2r
cos
0 800
4r
D
T

TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
The value of cos
θ is shown in Equation 21:
where
•
r is the distance between the detector and the object (10 mm).
•
D is the diameter of the object (15 mm).
(21)
Differentiating with respect to object temperature, a small change in temperature creates a small change in the
measured voltage given by Equation 22:
(22)
Substituting values for the parameters yields Equation 23:
(23)
Based on Figure 4, the sensor rms noise at TDIE = 25°C is ~0.25 µV; thus, the rms variation in temperature
measurement is as shown in Equation 24:
(24)
The peak-to-peak noise is approximately six times the rms noise; therefore, estimate an accuracy of
approximately ±0.33°C.
This estimate can also be made using the noise-equivalent power (NEP), noting that NEP is the ratio of noise to
responsivity, as shown in Equation 25:
(25)
Assuming the system is sensor-noise limited, then from Figure 5, the NEP is ~30 nW at 25°C, as shown in
Equation 26:
(26)
Again, the peak-to-peak noise is approximately 6X the rms noise; therefore estimate an accuracy of
approximately ±0.42°C.
The different results from these two techniques is because of estimated values used for some parameters. The
purpose of these techniques is not to obtain exact answers, but rather to quickly estimate the feasibility of a
system implementation based on basic system parameters. These examples are intended only as guidelines; the
specific values for the parameters depend on the specific system details.
9 Power-Supply Recommendations
The TMP007 is designed to operate with a power supply voltage (VS) of between 2.5 V and 5.5 V. This input
supply must be well regulated. The die temperature measurement (TDIE) dependence on supply voltage is
typically 20 m°C/V for TDIE > 0°C (see Figure 9). The power-on reset (POR) has a nominal value of 1.9 V at TDIE
= 25°C. The POR increases with decreasing die temperature (see Figure 12). Place the decoupling capacitor
(0.1 µF recommended) as close as possible to the device without obstructing the field of view.
As an aid to designing the power supply and estimating power and energy requirements, a number of typical
curves are supplied. The typical characteristics for supply current vs TDIE (Continuous Conversion) are given in
Figure 15. Typical values for shutdown current as a function of TDIE and supply voltage are given in Figure 14.
44
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com