Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4.0
8.0
12.0
16.0
Wavelength (µm)
C005
0.000
0.005
0.010
0.015
0.020
0.025
0
5
10
15
20
Wavelength (µm)
450 K
400 K
350 K
300 K
250 K
C019
16 µm
4 µm
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Feature Description (continued)
The intensity of radiation from the object is determined by the emisivity (
ε), a material-dependent property that
scales the spectral response so that 0 <
ε < 1. For an ideal black body, the radiation is at a maximum for a given
temperature and
ε = 1. The temperature is measured on the Kelvin scale where 0 K is absolute zero, or
–273.15°C. Room temperature (25°C) is approximately 298.13 K. The emission spectra for objects at or near
room temperature are shown in Figure 17. For these temperatures, the majority of the radiation emitted is in the
wavelength range of 3 µm to 20 µm.
Figure 17. Black Body Emission Spectrum and Response
7.3.1 Spectral Responsivity
The TMP007 is optimized to sense IR radiation emitted by objects from approximately 250 K (–23°C) to 400 K
(127°C), with maximum sensitivity from approximately 4 µm to 16 µm. The relative spectral response of the
TMP007 is shown in Figure 18.
Figure 18. Relative Spectral Response vs Wavelength
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com