Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments TMP007 Datasheet HTML 16Page - Texas Instruments TMP007 Datasheet HTML 17Page - Texas Instruments TMP007 Datasheet HTML 18Page - Texas Instruments TMP007 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
7.3.5 Calibration
The TMP007 default coefficients are calibrated with a black body of emissivity,
ε = 0.95, and an FOV (θ) = 110°.
Use these coefficients for applications where the object emissivity and geometry satisfy these conditions. For
applications with different object emissivity or geometry, calibrate the TMP007 to accurately reflect the object
temperature and system geometry. Accuracy is affected by device-to-device or object-to-object variation. For the
most demanding applications, calibrate each device individually.
As an overview the calibration procedure includes:
1. Defining the environmental variation range (die and object temperature range, supply voltage, temperature
change speed, sampling rate and so on).
2. Making the die temperature measurements and IR sensor voltage measurements over the environmental
range.
3. Generate an optimal set of coefficients based on the collected data set.
4. Load the coefficients into the TMP007 coefficients register. The object temperature register reflects the best
fit from the calibration process. Perform validation measurements because accuracy may vary over the
environmental range. If the object temperature measurement error is not acceptable, repeat the calibration
process using more environment points, data averaging, or narrow the temperature range of TDIE or TOBJ.
5. After a suitable set of coefficients is obtained, they can be stored in nonvolatile memory. Each coefficient
register can be programmed up to eight times. After POR, the last stored coefficient value is copied from the
nonvolatile memory into the coefficient register.
The best temperature precision is available if every device is calibrated individually. Alternatively, if all the units in
the application use the same coefficients, then calibrate a statistically significant number of devices, and load
averaged coefficient values in nonvolatile memory.
Recalibration may be required under any or all of the following conditions:
1. Board layout changed.
2. Object or objects in the field of view changed.
3. Object distance or object surface changed.
4. Angle between device surface and direction to the object changed.
5. Object and local temperature range changed outside the environmental calibration range.
6. Object and local temperature transients significantly changed.
7. Supply voltage changed more than 1 V.
8. Air convection or conduction near the device changed.
For further information and methods for calibration, refer to SBOU142 — TMP007 Calibration Guide.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com