Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 19Page - Texas Instruments TMP007 Datasheet HTML 20Page - Texas Instruments TMP007 Datasheet HTML 21Page - Texas Instruments TMP007 Datasheet HTML 22Page - Texas Instruments TMP007 Datasheet HTML 23Page - Texas Instruments TMP007 Datasheet HTML 24Page - Texas Instruments TMP007 Datasheet HTML 25Page - Texas Instruments TMP007 Datasheet HTML 26Page - Texas Instruments TMP007 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
OBJ _ FINAL[n]
OBJ[n]
OBJ _ FINAL[n 1]
T
T
0.2
T
0.8
-
=
´
+
´
OBJ
OBJ _ Measured
DIE _ SLOPE
OBJ _ SLOPE
V
V
TC0 T
TC1 V
=
+
´
+
´
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
7.4 Device Functional Modes
7.4.1 Temperature Transient Correction
Because the measured object temperature depends on TDIE, transient thermal events that change the die
temperature affect the measurement. To compensate for this effect, the TMP007 math engine incorporates a
transient correction option for use in applications where a thermal transient is anticipated. When transient
correction is turned on, a filter with programmable coefficients is used to modify the sensor voltage result before
the object temperature is calculated. This function helps reduce the jump in the object temperature result when
there are large transients of the local die temperature, TDIE. The compensation incorporates the rate of change of
TDIE and of VOBJ. The modified value for the sensor voltage used in VSENSOR to calculate the object temperature
is shown in Equation 9:
where
•
TC0 and TC1 are weighting coefficients programmable using the registers.
•
TDIE_SLOPE is the change in die temperature with time.
•
VOBJ_SLOPE is the change in sensor voltage with time.
(9)
As a general guideline, turn on transient correction when the local temperature is changing at a rate greater than
1.5°C/min. When transient correction is on, the function corrects transients up to approximately 20°C/min.
Turning on the transient correction also turns on the output filter shown in Equation 10:
(10)
If only the use of the output filter is desired without the input transient correction arithmetic, set the TC0 and TC1
coefficient values to 0 with TC bit in configuration register set to 1. When transition correction is on, the response
to a step change has a time constant of approximately five times the sampling time.
When transient correction is on, the math engine modifies the sensor voltage result based on the transient
correction equations. The nonmodified sensor voltage can be recovered with TC on by setting the TC1 and TC0
coefficients to 0. The output filtering cannot be turned off with TC bit set to 1.
7.4.2 Alert Modes: Interupt (INT) and Comparator (COMP)
The INT mode maintains the alert condition until a host controller clears the alert condition by reading the status
register. This mode is useful when an external microcontroller is actively monitoring TMP007 as part of a thermal
management system. The COMP mode asserts the ALERT pin and flags whenever the alert condition occurs,
and deasserts the ALERT pin and flags without external intervention when the alert condition is no longer present
This mode is often used to notify an external agent of an alert condition.
When servicing an alert from the TMP007, in some cases it may be useful to validate the alert condition by
checking the status of the nDV, MEM_CRPT, and DATA_OVF flags.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com