Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP007 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 39Page - Texas Instruments TMP007 Datasheet HTML 40Page - Texas Instruments TMP007 Datasheet HTML 41Page - Texas Instruments TMP007 Datasheet HTML 42Page - Texas Instruments TMP007 Datasheet HTML 43Page - Texas Instruments TMP007 Datasheet HTML 44Page - Texas Instruments TMP007 Datasheet HTML 45Page - Texas Instruments TMP007 Datasheet HTML 46Page - Texas Instruments TMP007 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
4
4
3
SENSOR
OBJ
OBJ
DIE
det
0
2
V
=
T
T
A
(1
cos
)R
3
H
V
T


3
0
2
1
cos
R
3
T

TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
8.3 System Examples
8.3.1 Use of NEP, NETD, and Responsivity in Estimating System Performance
It is often necessary to estimate system performance as part of the design process. A key system parameter is
temperature accuracy for a given set of parameters. Table 16 lists example parameters for estimating system
performance.
Table 16. Estimating System Performance Parameters
DESIGN PARAMETER
EXAMPLE VALUE
COMMENT
Object distance
10 mm
Distance to object
Object diameter
15 mm
Object size and geometry
ε
0.95
Object emissivity
TDIE
23°C
Die temperature
TOBJ
30°C
Maximum expected object temperature
FOV
110°
Field of view subtended by object
Responsivity (R0)
10.8 V/W
Responsivity for TDIE = 25°C, θ = 0°
Responsivity (R)
9 V/W
Responsivity for 110° FOV
Sensor rms noise
0.20 µV
RMS sensor noise at TDIE = 25°C
NEP
30 nW
Thermal power equivalent to rms sensor noise
Conversion rate
1 SPS
SPS = samples per second
The system accuracy is a function of TOBJ, TDIE, ε, and radiation transfer.
The radiation transfer factor is system dependent, and is affected by the object distance and geometry (for
example, planar versus curved surfaces, or presence of lenses). For an planar object perpendicular to the
detector axis (see Figure 19), the radiation transfer follows the well-known sin2(
θ) result. This expression can be
used with a radiation transfer function responsivity value of 9 V/W to estimate system performance.
Because of the angular dependence of the TMP007 detector response, a more accurate representation for the
same radiative transfer function geometry is shown in Equation 19:
where
•
R0 is the responsivity of the detector to a point source at an angle normal to the detector (θ = 0 in Figure 19.
R0 has a value of ~10.8 V/W at 25°C.
(19)
The responsivity value of 9 V/W is based on a system with a 110° FOV.
Using the device-specific radiation transfer expression and R0, the detector response is shown in Equation 20:
where
•
εOBJ is the emissivity of the object (0.95).
•
σ is the Stefan-Boltzmann constant (5.67 × 10
-12 W/(cm2K4).
•
TOBJ is the object temperature (273 K + 30°C).
•
TDIE is the detector temperature (273 K + 23°C).
•
Adet is the detector active area (1.09 × 10
-3 cm2)
•
θ is the half-angle subtended by the object as viewed from the detector.
•
R0 is the responsivity (~10.8 V/W for the specified temperatures).
(20)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com