Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 11 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 7Page - STMicroelectronics RX95HF Datasheet HTML 8Page - STMicroelectronics RX95HF Datasheet HTML 9Page - STMicroelectronics RX95HF Datasheet HTML 10Page - STMicroelectronics RX95HF Datasheet HTML 11Page - STMicroelectronics RX95HF Datasheet HTML 12Page - STMicroelectronics RX95HF Datasheet HTML 13Page - STMicroelectronics RX95HF Datasheet HTML 14Page - STMicroelectronics RX95HF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DocID023884 Rev 3
11/44
RX95HF
Communication protocols
43
4
Communication protocols
4.1
Serial peripheral interface (SPI)
4.1.1
Polling mode
In order to send commands and receive replies, the application software has to perform 3
steps.
1.
Send the command to the RX95HF.
2.
Poll the RX95HF until it is ready to transmit the response.
3.
Read the response.
The application software should never read data from the RX95HF without being sure that
the RX95HF is ready to send the response.
The maximum allowed SPI communication speed is fSCK.
A Control byte is used to specify a communication type and direction:
0x00: Send command to the RX95HF
0x03: Poll the RX95HF
0x02: Read data from the RX95HF
0x01: Reset the RX95HF
The SPI_SS line is used to select a device on the common SPI bus. The SPI_SS pin is
active low.
When the SPI_SS line is inactive, all data sent by the Master device is ignored and the
MISO line remains in High Impedance state.
Figure 6. Sending command to RX95HF
Figure 7. Polling the RX95HF until it is ready
MOSI
00000000
CMD
LEN
DATA
DATA
Control Byte
MISO
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
Several data bytes
MOSI
00000011
XXXXXX11
XXXXXX11
XXXXXX11
Control Byte
MISO
XXXXXXXX
Flag
Flag
Flags are polled until data is ready (Bit 3 is set when data is ready)
00000XXX
00000XXX
00001XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com