Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 37 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 33Page - STMicroelectronics RX95HF Datasheet HTML 34Page - STMicroelectronics RX95HF Datasheet HTML 35Page - STMicroelectronics RX95HF Datasheet HTML 36Page - STMicroelectronics RX95HF Datasheet HTML 37Page - STMicroelectronics RX95HF Datasheet HTML 38Page - STMicroelectronics RX95HF Datasheet HTML 39Page - STMicroelectronics RX95HF Datasheet HTML 40Page - STMicroelectronics RX95HF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DocID023884 Rev 3
37/44
RX95HF
Card emulation communication
43
Appendix A
Card emulation communication
The following information is a log of basic exchanges between the CR95HF transceiver and
RX95HF card emulator.
CR95HFDLL_STCMD
: Is the standard RX95HF frame exchange command. In this command,
the first byte 01 is not sent, it is only requested by the RX95HF development software in
order to recognize if it is a user or service command.
CR95HFDLL_SENDRECV
: Is the encapsulated CR95HF SendReceive command for which
command codes, number of bytes, and CRC are automatically appended to the parameter.
In this section,
The CR95HF data exchanges are in blue.
The RX95HF card emulation data exchanges are in green.
The CR95HF and RX95HF command overhead (command code, length of data and
transmission flag) is in bold.
The CRC value is in red.
When the CRC append option is set in the Protocol Select command, the CRC is
automatically appended by the RX95HF, but the CRC is not visible in the instruction log file.
When the CRC is present in the command or response, CRC reply is in italics.
The following symbols correspond to:
>>> Frame sent by Host to RX95HF
<<< Frame received by Host from RX95HF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com