Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 17 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 13Page - STMicroelectronics RX95HF Datasheet HTML 14Page - STMicroelectronics RX95HF Datasheet HTML 15Page - STMicroelectronics RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DocID023884 Rev 3
17/44
RX95HF
Commands
43
5.5
Pollfield command (0x03) description
This command returns the current value of the FieldDet flag.
5.6
Listen command (0x05) description
In Tag Emulation mode, this command waits for a command from an external reader.
Before sending this command, the application must select a protocol.
Table 10. POLLFIELD command description
Direction
Data
Comments
Example
Host to
RX95HF
03
Command code
>>>0x0300 Check if RF Field
is ON or OFF
>>> 0x0303010FFF
- Wait for RF
Field appearance for (16*256)/13.56 μs
Flags
, Presc and Timer parameters
are optional. They must be specidfied if
the application has to wait for RF field
appearance or disappearance.
The time to wait is
(Presc+1)*(Timer+1)/13.56 μs.
<Len>
Length of data
<Flags>
RF field presence
(Optional):
01
: Wait for RF field
appearance
00
: Wait for RF field
disappearance
<Presc>
Timer prescaler (Optional)
<Timer>
Timer time-out (Optional)
RX95HF to
Host
00
Result code
<<<0x0000 or 0x000100
(No RF
field detected) or 0x000101 (RF field
detected)
01
Length of data
<FieldDet>
01
, if FieldDet is set.
Otherwise, 00.
Table 11. Response for <POLLFIELD> command
Function
Explanation
Response example
Comments
Pollfield
Response
00
01
01 or 00
This command returns the
current state of the RF
field.
<<<0x0000 or
0x000100
(No RF field
detected) or 0x000101
(RF field detected)
Result code
Length of data field
Bits [7:1]: RFU
Bit 0: Field detected (if set)
Table 12. LISTEN command description
Direction
Data
Comments
Example
Host to
RX95HF
05
Command code
0x0500
: Enters a Listening mode
where the RX95HF waits for a
command from an external reader.
00
Length of data
RX95HF to
Host
00
Result code
0x0000
: No error. Confirmation that
RX95HF now is in Listening mode.
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com