Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 21 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics RX95HF Datasheet HTML 22Page - STMicroelectronics RX95HF Datasheet HTML 23Page - STMicroelectronics RX95HF Datasheet HTML 24Page - STMicroelectronics RX95HF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
DocID023884 Rev 3
21/44
RX95HF
Commands
43
5.8.1
Idle command parameters
The Idle command (Host to RX95HF) has the following structure (all values are
hexadecimal):
5.8.2
Optimizing wake-up conditions
Using the Wake-up source register, it is possible to cumulate sources for a wake-up event. It
is strongly recommended to always set an external event as a possible wake-up source.
To cumulate wake-up sources, simply set the corresponding bits in the Wake-up source
register. For example, to enable a wake-up when an RF field is detected (bit 1 set to ‘1’) or
on a low pulse on pin IRQ_IN (bit 3 set to ‘1’), set the register to 0x0A.
5.8.3
Using various techniques to return to Ready state
The Idle command and reply set offers several benefits to users by enabling various
methods to return the RX95HF to Ready state. Some methods are nearly automatic, such
as waiting for a timer overflow or a field detection, but others consume more power
compared to the ones requesting a host action. A description of each method follows below.
RX95HF to
Host
0x82
Error code
<<<0x8200
Invalid command
length
0x00
Length of data
Table 17. IDLE command description (continued)
Direction
Data
Comments
Example
Table 18. Idle command structure
07
0E
xx
yy zz
yy zz
yy zz
Command
code
Data length
WU source
Enter Control
WU Control
Leave Control
Table 19. Summary of Idle command parameters
Parameter
Description
Command code
This byte is the command code. ‘07’ represents the Idle command. This
command switches the device from Active mode to WFE mode.
Data length
This byte is the length of the command in bytes. Its value depends on the
following parameter values.
WU Source
This byte defines the authorized wake-up sources in the Wake-up source
register. Predefined values are:
0x04
: Field Detector0x08: Low pulse on IRQ_IN
Enter Control
These two bytes (EnterCtrlL and EnterCtrlH) define the resources when
entering WFE mode.
0x0400
: Hibernate0x0142: Sleep (if Field Detector source is enabled)
WU Control
These two bytes (WuCtrlL and WuCtrlH) define the wake-up resources.
0x0400
: Hibernate
0x3800
: Sleep
Leave Control
These two bytes (LeaveCtrlL and LeaveCtrlH) define the resources when
returning to Ready state.
0x1800
: Hibernate
0x1800
: Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com