Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 24 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics RX95HF Datasheet HTML 22Page - STMicroelectronics RX95HF Datasheet HTML 23Page - STMicroelectronics RX95HF Datasheet HTML 24Page - STMicroelectronics RX95HF Datasheet HTML 25Page - STMicroelectronics RX95HF Datasheet HTML 26Page - STMicroelectronics RX95HF Datasheet HTML 27Page - STMicroelectronics RX95HF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Commands
RX95HF
24/44
DocID023884 Rev 3
How to modify Analog Register Configuration register (ACC_A) values
1.
Use the PROTOCOLSELECT command (0x02) to select the correct communication
protocol.
For example, to select the ISO/IEC 14443-A card emulation protocol:
Send PROTOCOLSELECT command:
>>>0x02021208
RX95HF reply:
<<<0x0000
2.
Read the Analog Register Configuration register (ACC_A) value.
a)
Write the ACC_A register index at 0x04:
>>>0x0903680004
RX95HF reply:
<<<0x0000
b)
Read the ACC_A register value:
>>>0x0803690100
RX95HF reply:
<<<0x0127
In this example, the ACC_A register value is 0x27, where “2” is the Demodulator
Sensitivity and “7” is the Load Modulation Index.
3.
Modify the Load Modulation Index values with 0x25.
Write the ACC_A register index:
>>>0x090468010425
RX95HF reply:
<<<0x0000
4.
Read the Analog Configuration register (ACC_A) value.
a)
Write the ACC_A register index at 0x04:
>>>0x0903680004
RX95HF reply:
<<<0x0000
b)
Read the ACC_A register value:
>>>0x0803690100
RX95HF reply:
<<<0x0125
Load Modulation Index and Demodulator Sensitivity values
.
Note:
Bits [7:6] of ACC_A register are RFU and must set to ‘0’.
Table 22. Possible Load Modulation Index values
Code (bits [3:0] of ACC_A register)
1
2
...
7
...
E
F
Load Modulation Index
Min.
Default
Max.
Table 23. Possible Demodulator Sensitivity values
Code (bits [5:4] of ACC_A register)
0x1
0x2
Demodulator Sensitivity (1)
1. Characterized by design simulation.
10%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com