Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 16 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 12Page - STMicroelectronics RX95HF Datasheet HTML 13Page - STMicroelectronics RX95HF Datasheet HTML 14Page - STMicroelectronics RX95HF Datasheet HTML 15Page - STMicroelectronics RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Commands
RX95HF
16/44
DocID023884 Rev 3
Table 9. List of <Parameters> values for different protocols (Tag Emulation)
Protocol
(Card)
Code
Parameters
Examples of commands
Comments
Byte
Bit
Function
ISO/IEC
14443
Type A
0x12
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps (1)
10
: 424 Kbps (1)
11
: RFU
>>>0x02021208
<<<0x0000
Tag Emulation for ISO/IEC
14443 Type A, Data rate is
106 Kbps for both up- and
down-links.
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps (1)
10
: 424 Kbps (1)
11
: RFU
1. Not qualified for this version.
3
0
: Return an error, if no RF field
1
: Wait for RF field
2
RFU
1
0
: HFO
1
: ClkRec
0
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com