Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 32 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 28Page - STMicroelectronics RX95HF Datasheet HTML 29Page - STMicroelectronics RX95HF Datasheet HTML 30Page - STMicroelectronics RX95HF Datasheet HTML 31Page - STMicroelectronics RX95HF Datasheet HTML 32Page - STMicroelectronics RX95HF Datasheet HTML 33Page - STMicroelectronics RX95HF Datasheet HTML 34Page - STMicroelectronics RX95HF Datasheet HTML 35Page - STMicroelectronics RX95HF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Electrical characteristics
RX95HF
32/44
DocID023884 Rev 3
6.5
RF characteristics
Test conditions are TA = 0°C to 50°C, unless otherwise specified.
Table 35. Tag Emulation characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fC
Frequency of operating
field (carrier frequency)
13.553
13.56
13.567
MHz
MI Carrier
Carrier Modulation Index
from reader
ISO/IEC 14443 -Type A
100
%
HField (1)
1. Maximum values based on design simulation and/or characterization results, and not tested in production.
Operating field strength in
ISO/IEC 14443
1.5
7.5
A/m
VMaxCarrier
Input voltage between RX1
and RX2
18
V
fS (2)
2. Parameter measured on samples using recommended output matching network.
Frequency of Subcarrier
modulation (ISO/IEC
14443)
fC / 16
ALoad
Load Modulation Amplitude
fC + fS
fC - fS
ISO 10373-6 test
methods for ISO/IEC
14443-A @ 1.5 A/m
18
18
mV
fC + fS
fC - fS
ISO 10373-6 test
methods for ISO/IEC
14443-A @ 7.5A/m
8
8
mV
ALoad
Load Modulation Amplitude
fC + fS
fC - fS
ECMA 356 test
methods for ECMA
340 @ 1.5 A/m
18
18
mV
fC + fS
fC - fS
ECMA 356 test
methods for ECMA
340 @ 7.5 A/m
8
8
mV
DataR
ISO/IEC 14443 Type A
106
Kbps
Table 36. Field detection characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Level of detection (1)
1. Parameter measured using recommended output matching network for ISO/IEC 14443 communication.
0.5
8
A/m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com