Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 20 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics RX95HF Datasheet HTML 22Page - STMicroelectronics RX95HF Datasheet HTML 23Page - STMicroelectronics RX95HF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Commands
RX95HF
20/44
DocID023884 Rev 3
5.8
Idle command (0x07) description
This command switches the RX95HF into low consumption mode and defines the way to
return to Ready state.
The Result code contains the Wake-up flag register value indicating to the application the
wake-up event that caused the device to exit WFE mode.
Table 16. Format of data to be sent using SEND command
Protocol
Explanation
Response example
Comments
ISO/IEC-
14443
Type A
Send example
06 03 0400
08
>>>0x0603040008
Command code
Length of entire data field
Data
Parameter:
7:6: RFU
5: Append CRC
4: RFU (Do not append parity)
3:0: Number of significant bits in first
byte
Table 17. IDLE command description
Direction
Data
Comments
Example
Host to
RX95HF
07
Command code
Example of switch from Active
mode to Hibernate state (wake-up
by low pulse on IRQ_IN pin):
>>>0x07 0E 08 04 00 04 00
18 00 00 00 00 00 00 00 00
Example of switch from Active to
WFE mode (Sleep) (wake-up by
low pulse on IRQ_IN pin):
>>>0x07 0E 08 01 00 38 00
18 00 00 60 00 00 00 00 00
Example of switch from Active
mode to WFE mode (Field
Detector) with wake-up by Field
Detection:
>>> 0x07 0E 04 01 42 38 00
18 00 00 60 00 00 00 00
0E
Length of data
<WU Source>
Specifies authorized wake-
up sources and the LFO
frequency
EnterCtrlL
Settings to enter WFE
mode: 0x0400, 0x0100 or
0x0142
EnterCtrlH
WUCtrlL
Settings to wake-up from
WFE mode: 0x0400 or
0x3800
WUCtrlH
LeaveCtrlL
Settings to leave WFE
mode (Default value =
0x1800
)
LeaveCtrlH
RX95HF to
Host
0x00
Result code
This response is sent only when
RX95HF exits WFE mode.
<<<0x000104
Wake-up by field
detect
<<<0x000108
Wake-up by low
pulse on IRQ_IN pin
0x01
Length of data
<Data>
Data (Wake-up source):
0x04: Field detect
0x08: Low pulse on
IRQ_IN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com