Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 18 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 14Page - STMicroelectronics RX95HF Datasheet HTML 15Page - STMicroelectronics RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics RX95HF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Commands
RX95HF
18/44
DocID023884 Rev 3
After reception of the LISTEN command and the return of a ‘No error’ confirmation, the
RX95HF enters Listening mode. The host controller has to use SPI Poll mode or IRQ_OUT
pin to detect when a receive frame is available in the RX95HF buffer. The RX95HF will exit
Listening mode as soon it receives the ECHO command (0x55) from the Host Controller
(MCU) or a command from an external reader (not including commands supported by the
ACFILTER command listed in Table 29).
In all cases, the RX95HF will send data or an error code to the Host controller (MCU).
The ECHO command (0x55) allows exiting Listening mode. In response to the ECHO
command, the RX95HF sends 0x55 + 0x8500 (error code of the Listening state cancelled by
the MCU).
Possible return codes are listed in Table 13.
RX95HF to
Host
82
Error code
0x8200
: Invalid command length
00
Length of data
RX95HF to
Host
83
Error code
0x8300
: Invalid protocol or protocol is
not supported.
00
Length of data
RX95HF to
Host
8F
Error code
0x8F00
: No field. Command cannot be
executed because there is no external
field.
00
Length of data
Table 13. Response codes from the RX95HF in Listening mode
Direction
Data
Comments
Example
RX95HF to
Host
80
Result code
<<<0x8005E050BCA508
The request from the Reader is
decoded. This is an example of a
response in ISO/IEC 14443 Type A
protocol.
<Len>
Length of data
<Data>
Data received.
Interpretation depends on
protocol
RX95HF to
Host
85
Error code
<<<0x8500
Listening mode was
cancelled by the application
00
Length of data
RX95HF to
Host
86
Error code
<<<0x8600
Communication error
00
Length of data
RX95HF to
Host
88
Error code
<<<0x8800
Invalid SOF
00
Length of data
RX95HF to
Host
89
Error code
<<<0x8900
Receive buffer overflow
(too many bytes received)
00
Length of data
RX95HF to
Host
8A
Error code
<<<0x8A00
Framing error (start bit=0,
stop bit=1)
00
Length of data
Table 12. LISTEN command description (continued)
Direction
Data
Comments
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com