Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 29 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 25Page - STMicroelectronics RX95HF Datasheet HTML 26Page - STMicroelectronics RX95HF Datasheet HTML 27Page - STMicroelectronics RX95HF Datasheet HTML 28Page - STMicroelectronics RX95HF Datasheet HTML 29Page - STMicroelectronics RX95HF Datasheet HTML 30Page - STMicroelectronics RX95HF Datasheet HTML 31Page - STMicroelectronics RX95HF Datasheet HTML 32Page - STMicroelectronics RX95HF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
DocID023884 Rev 3
29/44
RX95HF
Electrical characteristics
43
6.3
Power consumption characteristics
TA = –25°C to 85°C, unless otherwise specified.
Table 33. Power consumption characteristics (VPS_Main from 2.7 to 5.5 V)
Symbol
Parameter
Condition
Typ.
Max.
Unit
ICC (VPS)
Power-up
Supply current in power-up state
TA = 25°C
200
600
μA
ICC (VPS)
Tag Emulation
Supply current in Tag Emulation mode
TA = 25°C
2.5
5.0
mA
ICC (VPS)
Hibernate
Supply current in Hibernate state
TA = 25°C
1
5
μA
ICC (VPS)
Sleep/Field
Detector
Supply current in Sleep/Field Detector state
TA = 25°C
20/25
80
μA
ICC (VPS) Ready Supply current in Ready state
TA = 25°C
2.5
5.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com