Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 23 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics RX95HF Datasheet HTML 22Page - STMicroelectronics RX95HF Datasheet HTML 23Page - STMicroelectronics RX95HF Datasheet HTML 24Page - STMicroelectronics RX95HF Datasheet HTML 25Page - STMicroelectronics RX95HF Datasheet HTML 26Page - STMicroelectronics RX95HF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DocID023884 Rev 3
23/44
RX95HF
Commands
43
Note:
The Management of the Analog Register Configuration register (ACC_A) is described in
Section 5.10: Write Register (WrReg) command (0x09) description.
5.10
Write Register (WrReg) command (0x09) description
The Write Register (WRREG) command (0x09) is used to:
set the Analog Register Configuration address index value before reading or
overwriting the Analog Register Configuration register (ACC_A) value
set the Analog Register Configuration register (ACC_A) value
–
Bits [7:6] are ST Reserved and must be set to ‘0’
–
Bits [5:4] set the Demodulator Sensitivity (‘00’ = AM 10% or ‘10’ = AM 100%)
–
Bits [3:0] set the Load Modulation Index (‘0001’ = minimum load modulation, ‘0111’
= default value, ‘1111’ = maximum load modulation). The user can adjust this value
to better fit his application.
5.10.1
Improving RF performance
Adjusting the Load Modulation Index and Demodulator Sensitivity parameters in Card
Emulation mode helps improve application behavior.
The default value of these parameters (Table 21) is set by the PROTOCOLSELECT command,
but they can be overwritten using the Write Register (WRREG) command (0x09). Table 22
and Table 23 list possible values for the Load Modulation Index and Demodulator Sensitivity
parameters respectively.
This new configuration is valid until a new PROTOCOLSELECT or Write Register (of register
ACC_A) command is executed. Register values are cleared at power off.
Table 21. WRREG command description (Load Modulation Index and Demodulator
Sensitivity)
Direction
Data
Comments
Example
Host to
RX95HF
0x09
Command code
>>>0x0903680004
Set Analog Register Index to
0x04 (ACC_A) (1)
>>>0x090468010425
Update ACC_A to 0x25
1. This command must be executed before reading the ACC_A register (0x0903680004).
0x03
or
0x04
Length of data
0x68
Analog Register Configuration address
index
0x00
or
0x01
Flag Increment address or not after Write
command
0x04
Index pointing to the Demodulator
Sensitivity and Load Modulation values in
ACC_A register (0x04) (See
Section 5.10.1)
0xXX
New value for Demodulator Sensitivity and
Load Modulation (See Section 5.10.1)
RX95HF to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com