Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 28 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 24Page - STMicroelectronics RX95HF Datasheet HTML 25Page - STMicroelectronics RX95HF Datasheet HTML 26Page - STMicroelectronics RX95HF Datasheet HTML 27Page - STMicroelectronics RX95HF Datasheet HTML 28Page - STMicroelectronics RX95HF Datasheet HTML 29Page - STMicroelectronics RX95HF Datasheet HTML 30Page - STMicroelectronics RX95HF Datasheet HTML 31Page - STMicroelectronics RX95HF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Electrical characteristics
RX95HF
28/44
DocID023884 Rev 3
6
Electrical characteristics
6.1
Absolute maximum ratings
Note:
Stresses listed above may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
6.2
DC characteristics
Table 31. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPS_Main
Supply voltage (1)
1. To properly reset the device, VPS_Main must be tied to 0V before executing the start-up sequence.
–0.3 to 7.0
V
VIO
Input or output voltage relative to ground
–0.3 to VPS_Main +0.3
V
VMaxCarrier Maximum input voltage (pins RX1 and RX2)
±14.0
V
TA
Ambient operating temperature
–25 to +85
°C
Ambient operating temperature (RF mode)
–25 to +85
TSTG
Storage temperature (Please also refer to package
specification).
–65 to +150
°C
TLEAD
Lead temperature during soldering
See note(2)
2. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS
directive 2011/65/EU of July 2011).
°C
VESD
Electrostatic discharge voltage according to
JESD22-A114, Human Body Model
2000
V
PTOT (3)
3. Depending on the thermal resistance of package.
Total power dissipation per package
1
W
Table 32. DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VPS_Main
Supply voltage
2.7
3.0
5.5
V
VIL
Input low voltage (I/Os)
0
0.2 x VPS_Main
V
VIH
Input high voltage (I/Os)
0.7 x VPS_Main
VPS_Main
V
VOH
Output high voltage (I/Os)
IOH = - 8 μA
0.7 x VPS_Main
VPS_Main
V
VOL
Output low voltage (I/Os)
IOLMAX = 500 μA0
0.15 x
VPS_Main
V
POR
Power-on reset voltage
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com