Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 19 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 15Page - STMicroelectronics RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics RX95HF Datasheet HTML 19Page - STMicroelectronics RX95HF Datasheet HTML 20Page - STMicroelectronics RX95HF Datasheet HTML 21Page - STMicroelectronics RX95HF Datasheet HTML 22Page - STMicroelectronics RX95HF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
DocID023884 Rev 3
19/44
RX95HF
Commands
43
If the request from the Reader was received and decoded correctly, the RX95HF will send
data back to the Host (Tag Emulation application). This is explained in Table 14.
5.7
Send command (0x06) description
This command immediately sends data to the reader using the Load Modulation method
without waiting for a reply.
Before sending this command, the application must select a communication protocol.
RX95HF -
Host
8E
Error code
<<<0x8E00
Reception lost without EOF
received
00
Length of data
Table 14. Data format sent to the Host in Listening mode
Protocol
Explanation
Response example
Comments
ISO/IEC-
14443
Type A
Request example 80 0A 9370800F8C8E
8D
4E01
08
<<<0x80 0A
9370800F8C8E
8D 4E01 08
Result code
Length of entire data field
Data received from reader
Received value of BCC (if any)
Received value of CRC (if any)
7: RFU
6: RFU
5: CRC error
4: Parity error
3:0: number of significant bits in last byte
Table 13. Response codes from the RX95HF in Listening mode (continued)
Direction
Data
Comments
Example
Table 15. SEND command description
Direction
Data
Comments
Example
Host to
RX95HF
06
Command code
Depends on protocol previously
selected!
>>>0x0606D07387080028
: Emulation
of TAG response in ISO/IEC 14443
Type A protocol
<Len>
Length of data
<Data>
Data and additional
parameter to be sent
RX95HF to
Host
00
Result code
<<<0x0000
Data was successfully sent
00
Length of data
RX95HF to
Host
82
Error code
<<<0x8200
Invalid length (for example,
Length=0 where it is not possible)
00
Length of data
RX95HF to
Host
83
Error code
<<<0x8300
Invalid protocol previously
selected by Select Protocol command
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com