Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 42 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 36Page - STMicroelectronics RX95HF Datasheet HTML 37Page - STMicroelectronics RX95HF Datasheet HTML 38Page - STMicroelectronics RX95HF Datasheet HTML 39Page - STMicroelectronics RX95HF Datasheet HTML 40Page - STMicroelectronics RX95HF Datasheet HTML 41Page - STMicroelectronics RX95HF Datasheet HTML 42Page - STMicroelectronics RX95HF Datasheet HTML 43Page - STMicroelectronics RX95HF Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Card emulation communication
RX95HF
42/44
DocID023884 Rev 3
Applica-
tion comm
protocol
setup
ISO/IEC
14443-4
(cont.)
REM, IBLOCK Exchange 3A
>>> CR95HFDLL_SENDRECV,
0200A4040007D276000086010028
<<< 800C029000F1090800
>
<
>>>
RX95HFDLL_POLLING_READING
<<<
80100200A4040007D27600008601004
BF708
REM,
3B
IBLOCK
>>> RX95HFDLL_STCMD, 01
0608029000F109080028
<<< 0000
After
capture,
Data is
transferred
to Host
which
defines the
response
REM, LISTEN
>>> RX95HFDLL_STCMD, 01 0500
<<< 0000
BREAK
RX95HF
returns to
Listening
mode
REM, Set RF OFF
>>> CR95HFDLL_STCMD, 01
02020000
<<< 0000
>>>
RX95HFDLL_POLLING_READING
<<< 8F00
No Field
error
Close SPI
link
BREAK
>>> CR95HFDLL_RESET_SPI
<<< 0000
BREAK
REM,
4B
>>> RX95HFDLL_RESET_SPI
<<< 0000
Close SPI
link
Table 40. Example logs (continued)
Comment
CR95HF Reader
Direc
-tion
RX95HF Card Emulation
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com