Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 27 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 23Page - STMicroelectronics RX95HF Datasheet HTML 24Page - STMicroelectronics RX95HF Datasheet HTML 25Page - STMicroelectronics RX95HF Datasheet HTML 26Page - STMicroelectronics RX95HF Datasheet HTML 27Page - STMicroelectronics RX95HF Datasheet HTML 28Page - STMicroelectronics RX95HF Datasheet HTML 29Page - STMicroelectronics RX95HF Datasheet HTML 30Page - STMicroelectronics RX95HF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DocID023884 Rev 3
27/44
RX95HF
Commands
43
The ACFILTER command activates or deactivates an anti-collision filter for ISO/IEC 14443A
tag protocol. This command also forces or indicates the Card Emulator state.
If the AC filter is not activated, all received commands are stored in the RX95HF buffer
before being read by the external microcontroller.
If the AC filter is activated, internal firmware will try to interpret the commands sent by the
reader itself and perform an anti-collision sequence. Non-interpreted commands are stored
in the RX95HF buffer before being read by the external microcontroller to perform Level 4 of
the ISO/IEC 14443 Type A protocol.
The RX95HF is able to interpret and respond to the commands listed in the table below. The
device remains in Listening mode after executing these commands.
5.12
Echo command (0x55) description
The ECHO command verifies the possibility of communication between a Host and the
RX95HF. This command also can be used to exit Listening mode without an error when the
RX95HF has received a Listen command.
Table 28. RX95HF state
Tag
Emulation
state
ISO/IEC 14443 - 3 Type A
definition
Tag
Emulation
state
ISO/IEC 14443 - 3 Type A
definition
0x00
Idle
0x80
Halt
0x01
ReadyA
0x81
ReadyA* (1)
1. After a ISO/IEC 14443 - 3 Type A WakeUp command.
0x02
ReadyB
0x82
ReadyB* (1)
0x03
ReadyC
0x83
ReadyC* (1)
0x04
Active
Table 29. Commands to which the device is able to respond
Command
Code
Definition
SENS_REQ
26 (7-bit)
Sense request
ALL_REQ
52 (7-bit)
WakeUp All request
SDD_REQ
93, 95, 97
Single device detection request
SEL_REQ
9370, 9570, 9770
Select request
Table 30. ECHO command description
Direction
Data
Comments
Example
Host to RX95HF
0x55
Command code
RX95HF to Host
0x55
Code response
>>> 0x55
: Sends an ECHO command
<<< 0x55
: Response to an ECHO
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com