Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 14 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 10Page - STMicroelectronics RX95HF Datasheet HTML 11Page - STMicroelectronics RX95HF Datasheet HTML 12Page - STMicroelectronics RX95HF Datasheet HTML 13Page - STMicroelectronics RX95HF Datasheet HTML 14Page - STMicroelectronics RX95HF Datasheet HTML 15Page - STMicroelectronics RX95HF Datasheet HTML 16Page - STMicroelectronics RX95HF Datasheet HTML 17Page - STMicroelectronics RX95HF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Commands
RX95HF
14/44
DocID023884 Rev 3
5
Commands
5.1
Command format
The frame from the Host to the RX95HF has the following format:
<CMD><Len><Data>
The frame from the RX95HF to Host has the following format:
<RespCode><Len><Data>
These two formats are available in SPI mode.
Fields <Cmd>, <RespCode> and <Len> are always 1 byte long. <Data> can be from 0 to
253 bytes.
Note:
The ECHO command is an exception as it has only one byte (0x55).
The following symbols correspond to:
>>> Frame sent by the Host to RX95HF
<<< Frame sent by the RX95HF to the Host
5.2
List of commands
Table 6 summarizes the available commands.
Table 6. List of RX95HF commands
Code
Command
Description
0x01
IDN
Requests short information about the RX95HF and its revision.
0x02
PROTOCOLSELECT
Selects the RF communication protocol and specifies certain
protocol-related parameters.
0x03
POLLFIELD
Returns the current value of the FieldDet flag.
0x05
LISTEN
Listens for data using previously selected protocol.
0x06
SEND
Sends data using previously selected protocol.
0x07
IDLE
Switches the RX95HF into a low consumption Wait for Event (WFE)
mode (Power-up, Hibernate, or Sleep/Field Detector), specifies the
authorized wake-up sources and waits for an event to exit to Ready
state.
0x08
RDREG
Reads Wake-up event register or the Analog Register
Configuration (ACC_A) register.
0x09
WRREG
Writes Analog Register Configuration (ACC_A) register or writes
index of ACC_A register address.
0x0D
ACFILTER
Enables or disables the anti-collision filter for ISO/IEC 14443 Type
A protocol.
0x55
ECHO
RX95HF performs a serial interface ECHO command (reply data
0x55
or stops the Listening state when a listen command has been
sent without error).
Other codes
ST Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com