Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX95HF Datasheet(PDF) 30 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 26Page - STMicroelectronics RX95HF Datasheet HTML 27Page - STMicroelectronics RX95HF Datasheet HTML 28Page - STMicroelectronics RX95HF Datasheet HTML 29Page - STMicroelectronics RX95HF Datasheet HTML 30Page - STMicroelectronics RX95HF Datasheet HTML 31Page - STMicroelectronics RX95HF Datasheet HTML 32Page - STMicroelectronics RX95HF Datasheet HTML 33Page - STMicroelectronics RX95HF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Electrical characteristics
RX95HF
30/44
DocID023884 Rev 3
6.4
SPI characteristics
The RX95HF supports (CPOL = 0, CPHA = 0) and (CPOL = 1, CPHA = 1) modes.
Figure 10. SPI timing diagram (Slave mode and CPOL = 0, CPHA = 0)
Table 34. SPI interface characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
fSCK
1/ tc(SCK)
SPI clock frequency
2.0
MHz
VIL
Input low voltage
0.3 x VPS
V
VIH
Input high voltage
0.7 x VPS
VOL
Output low voltage
0.4 x VPS
VOH
Output high voltage
0.7 x VPS
tSU(NSS)(1)
1. Values based on design simulation and/or characterization results, and not on tested in production.
NSS setup time
70
ns
th(NSS)(1)
NSS hold time
0
tCH(SCKL)(1) Clock low time
200
ns
tCH(SCKH)(1) Clock high time
200
tSU(SI)(1)
Data slave Input setup time
20
ns
th(SI)(1)
Data slave Input hold time
80
tv(SO)(1)
Data slave output valid time
80
ns
th(SO)(1)
Data slave output hold time
After enable
edge
Cb_SPI_IN
Capacitive load for input pins NSS,
CLK, MOSI
3pF
Cb_SPI_OUT
Capacitive load for input pins
MOSI
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com