Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 141 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 141 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 137Page - Cypress Semiconductor MB9B360R Datasheet HTML 138Page - Cypress Semiconductor MB9B360R Datasheet HTML 139Page - Cypress Semiconductor MB9B360R Datasheet HTML 140Page - Cypress Semiconductor MB9B360R Datasheet HTML 141Page - Cypress Semiconductor MB9B360R Datasheet HTML 142Page - Cypress Semiconductor MB9B360R Datasheet HTML 143Page - Cypress Semiconductor MB9B360R Datasheet HTML 144Page - Cypress Semiconductor MB9B360R Datasheet HTML 145Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 141 of 166
MB9B360R Series
12.5 12-bit A/D Converter
Electrical Characteristics for the A/D Converter
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral
Nonlinearity
-
-
- 4.5
-
+ 4.5
LSB
AVRH = 2.7V to
5.5V
Differential
Nonlinearity
-
-
-2.5
-
+ 2.5
LSB
Zero transition
voltage
VZT
AN00 to AN23
- 15
-
+ 15
mV
Full-scale
transition voltage
VFST
AN00 to AN23
AVRH - 15
-
AVRH + 15
mV
Conversion time
-
-
0.5*
1
-
-
μs
AVCC ≥ 4.5V
Sampling time
Ts
-
*2
-
10
μs
AVCC ≥ 4.5V
*2
-
AVCC < 4.5V
Compare clock
cycle*
3
Tcck
-
25
-
1000
ns
AVCC ≥ 4.5V
50
-
1000
AVCC < 4.5V
State transition
time to operation
permission
Tstt
-
1.0
-
-
μs
Power supply
current (analog +
digital)
-
AVCC
-
0.69
0.92
mA
A/D 1unit
operation
-
1.0
18
μA
When A/D stop
Reference power
supply current
(between AVRH
and AVSS)
-
AVRH
-
1.1
1.97
mA
A/D 1unit
operation
AVRH=5.5V
0.3
6.3
μA
When A/D stop
Analog input
capacity
CAIN
-
-
-
12.05
pF
Analog input
resistance
RAIN
-
-
-
1.2
k
Ω
AVCC ≥ 4.5V
1.8
AVCC < 4.5V
Interchannel
disparity
-
-
-
-
4
LSB
Analog port input
current
-
AN00 to AN23
-
-
5
μA
Analog input
voltage
-
AN00 to AN23
AVSS
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
*1: The conversion time is the value of sampling time (Ts) + compare time (Tc).
The condition of the minimum conversion time is when the value of sampling time: 150ns, the value of compare time: 350ns
(AVCC ≥ 4.5V). Ensure that it satisfies the value of sampling time (Ts) and compare clock cycle (Tcck). For setting*
4 of sampling
time and compare clock cycle, see "Chapter: A/D Converter" in "FM4 Family Peripheral Manual Analog Macro Part". The register
setting of the A/D Converter is reflected by the peripheral clock timing. The sampling and compare clock are set at Base
clock (HCLK).
*2: A necessary sampling time changes by external impedance. Ensure that it set the sampling time to satisfy (Equation 1).
*3: The compare time (Tc) is the value of (Equation 2).
*4: The register setting of the A/D Converter is reflected by the timing of the APB bus clock. The sampling clock and compare clock
are set in base clock (HCLK). About the APB bus number which the A/D Converter is connected to, see
“Block Diagram” in this
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com